Electronic Components Datasheet Search
  English  ▼

X  

SP8130 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP8130
Description  High Speed Differential APC Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8130 Datasheet(HTML) 4 Page - Sipex Corporation

  SP8130 Datasheet HTML 1Page - Sipex Corporation SP8130 Datasheet HTML 2Page - Sipex Corporation SP8130 Datasheet HTML 3Page - Sipex Corporation SP8130 Datasheet HTML 4Page - Sipex Corporation SP8130 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev 0.8 09/25/06.
SP8130 High Speed Differential APC Amplifier
2006 Sipex Corporation
`````````
page
4 of 5
PIN ASSIGNMENTS
Pin #
Pin Name
Pin Function
1
Gain
Gain Switch Input. Low level selects RG1, high level selects RG2
2
RG1
Gain Adjust 1
3
RGCOM
Common connection point for RG1 and RG2
4
RG2
Gain Adjust 2
5
GND
Power Ground
6
VOUT (–)
Output Voltage Negative Swing
7
VOUT(+)
Output Voltage Positive Swing
8
Vcc
Supply Voltage. Bypass to GND with ceramic capacitor 0.1µF
OPLGA 8-pin PACKAGE DIMENSIONS
Clear Mold Compound Characteristics:
Clear Mold Material
: NT330HQ
Refractive index
: 1.57



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com