Electronic Components Datasheet Search
  English  ▼

X  

BF591 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF591
Description  NPN high-voltage transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF591 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF591 Datasheet HTML 1Page - NXP Semiconductors BF591 Datasheet HTML 2Page - NXP Semiconductors BF591 Datasheet HTML 3Page - NXP Semiconductors BF591 Datasheet HTML 4Page - NXP Semiconductors BF591 Datasheet HTML 5Page - NXP Semiconductors BF591 Datasheet HTML 6Page - NXP Semiconductors BF591 Datasheet HTML 7Page - NXP Semiconductors BF591 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Jul 02
4
Philips Semiconductors
Product specification
NPN high-voltage transistors
BF591; BF593
PACKAGE OUTLINE
UNIT
bp
DE1
L1
L2
(1)
max
L
cc1
E
PQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.8
0.6
0.65
0.5
0.56
0.46
8.6
8.4
10.1
9.9
10.4
10.0
2.54
13.3
12.2
e1
5.08
eHE
24.2
23.8
2.4
2.0
3.8
3.6
P1
3.9
3.7
0.25
1.7
1.5
DIMENSIONS (mm are the original dimensions)
2.5
SOT128B
TO-202
97-02-28
A
c1
D
E
L1
L2
L
bp
c
E1
HE
P
Q
A
P1
4.6
4.4
Plastic single-ended leaded (through hole) package; with cooling fin, mountable to heatsink,
1 mounting hole; 3 leads (in-line)
SOT128B
e
e1
12
3
0
5
10 mm
scale
w M
Note
1. Plastic flash allowed within this zone



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com