Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1063ACPZ
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1063ACPZ Datasheet HTML 3Page - Analog Devices ADM1063ACPZ Datasheet HTML 4Page - Analog Devices ADM1063ACPZ Datasheet HTML 5Page - Analog Devices ADM1063ACPZ Datasheet HTML 6Page - Analog Devices ADM1063ACPZ Datasheet HTML 7Page - Analog Devices ADM1063ACPZ Datasheet HTML 8Page - Analog Devices ADM1063ACPZ Datasheet HTML 9Page - Analog Devices ADM1063ACPZ Datasheet HTML 10Page - Analog Devices ADM1063ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ADM1063
Rev. 0 | Page 7 of 36
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADM1063
TOP VIEW
(Not to Scale)
40
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
VX1
1
VX2
2
VX3
3
VX4
4
VX5
5
VP1
6
VP2
7
VP3
8
VP4
9
VH 10
PDO1
30
PDO2
29
PDO3
28
PDO4
27
PDO5
26
PDO6
25
PDO7
24
PDO8
23
PDO9
22
PDO10
21
PIN 1
INDICATOR
Figure 3. LFCSP Pin Configuration
NC = NO CONNECT
48
47
46
45
44
43
42
41
40
39
38
37
13
14
15
16
17
18
19
20
21
22
23
24
NC
1
VX1
2
VX2
3
VX3
4
VX4
5
VX5
6
VP1
7
VP2
8
VP3
9
VP4 10
VH 11
NC 12
NC
36
PDO1
35
PDO2
34
PDO3
33
PDO4
32
PDO5
31
PDO6
30
PDO7
29
PDO8
28
PDO9
27
PDO10
26
NC
25
ADM1063
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 4. TQFP Pin Configuration
Table 2. Pin Function Descriptions
Pin No.
LFCSP
TQFP
Mnemonic
Description
15, 16,
19, 20
1, 12, 13,
18, 19, 22
to 25, 36,
37, 48
NC
No Connection.
1 to 5
2 to 6
VX1 to VX5
High Impedance Inputs to Supply Fault Detectors. Fault thresholds can be set from 0.573 V to 1.375 V.
Alternatively, these pins can be used as general-purpose digital inputs.
6 to 9
7 to 10
VP1 to VP4
Low Voltage Inputs to Supply Fault Detectors. Three input ranges can be set by altering the input
attenuation on a potential divider connected to these pins, the output of which connects to a supply fault
detector. These pins allow thresholds from 2.5 V to 6.0 V, 1.25 V to 3.00 V, and 0.573 V to 1.375 V.
10
11
VH
High Voltage Input to Supply Fault Detectors. Two input ranges can be set by altering the input
attenuation on a potential divider connected to this pin, the output of which connects to a supply fault
detector. This pin allows thresholds from 6.0 V to 14.4 V and 2.5 V to 6.0 V.
11
14
AGND
Ground Return for Input Attenuators.
12
15
REFGND
Ground Return for On-Chip Reference Circuits.
13
16
REFIN
Reference Input for ADC. Nominally, 2.048 V.
14
17
REFOUT
Reference Output, 2.048 V.
17
20
SCL
SMBus Clock Pin. Open-drain output requires external resistive pull-up.
18
21
SDA
SMBus Data I/O Pin. Open-drain output requires external resistive pull-up.
21 to 30
26 to 35
PDO10 to PDO1
Programmable Output Drivers.
31
38
PDOGND
Ground Return for Output Drivers.
32
39
VCCP
Central Charge-Pump Voltage of 5.25 V. A reservoir capacitor must be connected between this pin and GND.
33
40
A0
Logic Input. This pin sets the seventh bit of the SMBus interface address.
34
41
A1
Logic Input. This pin sets the sixth bit of the SMBus interface address.
35
42
D2N
External Temperature Sensor 1 Cathode Connection.
36
43
D2P
External Temperature Sensor 1 Anode Connection.
37
44
D1N
External Temperature Sensor 1 Cathode Connection.
38
45
D1P
External Temperature Sensor 1 Anode Connection.
39
46
VDDCAP
Device Supply Voltage. Linearly regulated from the highest voltage on the VP1 to VP4 and VH pins to a
typical voltage of 4.75 V.
40
47
GND
Ground Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com