Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM1063ACPZ
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM1063ACPZ Datasheet HTML 9Page - Analog Devices ADM1063ACPZ Datasheet HTML 10Page - Analog Devices ADM1063ACPZ Datasheet HTML 11Page - Analog Devices ADM1063ACPZ Datasheet HTML 12Page - Analog Devices ADM1063ACPZ Datasheet HTML 13Page - Analog Devices ADM1063ACPZ Datasheet HTML 14Page - Analog Devices ADM1063ACPZ Datasheet HTML 15Page - Analog Devices ADM1063ACPZ Datasheet HTML 16Page - Analog Devices ADM1063ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADM1063
Rev. 0 | Page 13 of 36
INPUTS
SUPPLY SUPERVISION
The ADM1063 has 10 programmable inputs. Five of these are
dedicated supply fault detectors (SFDs). These dedicated inputs
are called VH and VP1 to VP4 by default. The other five inputs
are labeled VX1 to VX5 and have dual functionality. They can
be used as either SFDs with similar functionality to VH and
VP1 to VP4, or CMOS-/TTL-compatible logic inputs to the
devices. Therefore, the ADM1063 can have up to 10 analog
inputs, a minimum of five analog inputs and five digital inputs,
or a combination. If an input is used as an analog input, it
cannot be used as a digital input. Therefore, a configuration
requiring 10 analog inputs has no digital inputs available.
Table 5 shows the details of each of the inputs.
+
–
+
–
UV
COMPARATOR
VREF
FAULT TYPE
SELECT
OV
COMPARATOR
FAULT
OUTPUT
GLITCH
FILTER
VPn
MID
LOW
RANGE
SELECT
ULTRA
LOW
Figure 22. Supply Fault Detector Block
PROGRAMMING THE SUPPLY FAULT DETECTORS
The ADM1063 can have up to 10 SFDs on its 10 input
channels. These highly programmable reset generators enable
the supervision of up to 10 supply voltages. The supplies can be
as low as 0.573 V and as high as 14.4 V. The inputs can be
configured to detect an undervoltage fault (the input voltage
drops below a preprogrammed value), an overvoltage fault (the
input voltage rises above a preprogrammed value), or an out-of-
window fault (an undervoltage or overvoltage). The thresholds
can be programmed to an 8-bit resolution in registers provided
in the ADM1063. This translates to a voltage resolution that is
dependent on the range selected.
The resolution is given by
Step Size = Threshold Range/255
Therefore, if the high range is selected on VH, the step size can
be calculated as follows:
(14.4 V − 4.8 V)/255 = 37.6 mV
Table 4 lists the upper and lower limits of each available range,
the bottom of each range (VB), and the range itself (VR).
Table 4. Voltage Range Limits
Voltage Range (V)
VB (V)
VR (V)
0.573 to 1.375
0.573
0.802
1.25 to 3.00
1.25
1.75
2.5 to 6.0
2.5
3.5
4.8 to 14.4
4.8
9.6
The threshold value required is given by
VT = (VR × N)/255 + VB
where:
VT is the desired threshold voltage (UV or OV).
VR is the voltage range.
N is the decimal value of the 8-bit code.
VB is the bottom of the range.
Reversing the equation, the code for a desired threshold is given by
N = 255 × (VT − VB)/VR
For example, if the user wants to set a 5 V OV threshold on
VP1, the code to be programmed in the PS1OVTH register
(discussed in the AN-698 application note) is given by
N = 255 × (5 − 2.5)/3.5
Therefore, N = 182 (1011 0110 or 0xB6).
Table 5. Input Functions, Thresholds, and Ranges
Input
Function
Voltage Range (V)
Maximum Hysteresis
Voltage Resolution (mV)
Glitch Filter (µs)
VH
High V analog input
2.5 to 6.0
425 mV
13.7
0 to 100
4.8 to 14.4
1.16 V
37.6
0 to 100
VPn
Positive analog input
0.573 to 1.375
97.5 mV
3.14
0 to 100
1.25 to 3.00
212 mV
6.8
0 to 100
2.5 to 6.0
425 mV
13.7
0 to 100
VXn
High Z analog input
0.573 to 1.375
97.5 mV
3.14
0 to 100
Digital input
0 to 5
N/A
N/A
0 to 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com