Electronic Components Datasheet Search
  English  ▼

X  

ADM1063ACPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1063ACPZ
Description  Multisupply Supervisor/Sequencer with ADC and Temperature Monitoring
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1063ACPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1063ACPZ Datasheet HTML 8Page - Analog Devices ADM1063ACPZ Datasheet HTML 9Page - Analog Devices ADM1063ACPZ Datasheet HTML 10Page - Analog Devices ADM1063ACPZ Datasheet HTML 11Page - Analog Devices ADM1063ACPZ Datasheet HTML 12Page - Analog Devices ADM1063ACPZ Datasheet HTML 13Page - Analog Devices ADM1063ACPZ Datasheet HTML 14Page - Analog Devices ADM1063ACPZ Datasheet HTML 15Page - Analog Devices ADM1063ACPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ADM1063
Rev. 0 | Page 12 of 36
POWERING THE ADM1063
The ADM1063 is powered from the highest voltage input on
either the positive-only supply inputs (VPn) or the high voltage
supply input (VH). This technique offers improved redundancy,
because the device is not dependent on any particular voltage
rail to keep it operational. The same pins are used for supply
fault detection (discussed in the Programming the Supply Fault
Detectors section). A VDD arbitrator on the device chooses
which supply to use. The arbitrator can be considered an OR’ing
of five LDOs together. A supply comparator determines which
of the inputs is highest and selects it to provide the on-chip
supply. There is minimal switching loss with this architecture
(~0.2 V), resulting in the ability to power the ADM1063 from a
supply as low as 3.0 V. Note that the supply on the VXn pins
cannot be used to power the device.
An external capacitor to GND is required to decouple the on-chip
supply from noise. This capacitor should be connected to the
VDDCAP pin, as shown in Figure 21. The capacitor has another
use during brownouts (momentary loss of power). Under these
conditions, when the input supply (VPn or VH) dips transiently
below VDD, the synchronous rectifier switch immediately turns
off so that it does not pull VDD down. The VDDCAP can then
act as a reservoir to keep the device active until the next highest
supply takes over the powering of the device. For this
reservoir/decoupling function, 10 µF is recommended.
Note that when two or more supplies are within 100 mV of each
other, the supply that takes control of VDD first keeps control.
For example, if VP1 is connected to a 3.3 V supply, then VDD
powers up to approximately 3.1 V through VP1. If VP2 is then
connected to another 3.3 V supply, VP1 still powers the device,
unless VP2 goes 100 mV higher than VP1.
SUPPLY
COMPARATOR
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
VH
VP4
VP3
VP2
VP1
VDDCAP
INTERNAL
DEVICE
SUPPLY
Figure 21. VDD Arbitrator Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com