Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM98714
Description  Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98714 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM98714 Datasheet HTML 4Page - National Semiconductor (TI) LM98714 Datasheet HTML 5Page - National Semiconductor (TI) LM98714 Datasheet HTML 6Page - National Semiconductor (TI) LM98714 Datasheet HTML 7Page - National Semiconductor (TI) LM98714 Datasheet HTML 8Page - National Semiconductor (TI) LM98714 Datasheet HTML 9Page - National Semiconductor (TI) LM98714 Datasheet HTML 10Page - National Semiconductor (TI) LM98714 Datasheet HTML 11Page - National Semiconductor (TI) LM98714 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Electrical Characteristics (Continued)
The following specifications apply for VA = VD = VR = VC = 3.3V, C
L = 10pF, and fINCLK = 15MHz unless otherwise specified.
Boldface limits apply for T
A =TMIN to TMAX; all other limits TA = 25˚C.
Symbol
Parameter
Conditions
Min
Typ
(Note 8)
Max
Units
I
IN_SH
Sample and Hold Mode
Source Followers Off
50
70
µA
Input Leakage Current
CDS Gain = 1x
(-70)
(-40)
OS
X =VA(OSX = AGND)
Source Followers Off
75
105
µA
CDS Gain = 2x
(-105)
(-75)
OS
X =VA(OSX = AGND)
Source Followers On
-200
-10
200
nA
CDS Gain = 2x
-16
OS
X =VA(OSX = AGND)
C
SH
Sample/Hold Mode
CDS Gain = 1x
2.5
pF
Equivalent Input Capacitance
(see Figure 11)
CDS Gain = 2x
4
pF
I
IN_CDS
CDS Mode
Source Followers Off
-300
7
300
nA
Input Leakage Current
OS
X =VA(OSX = AGND)
(-25)
R
CLPIN
CLPIN Switch Resistance
16
50
Ω
(OS
X to VCLP Node in Figure 8)
VCLP Reference Circuit Specifications
VCLP DAC Resolution
4
Bits
VCLP DAC Step Size
0.16
V
V
VCLP
VCLP DAC Voltage Min Output
VCLP Config. Register =
0.14
0.26
0.43
V
0001 0000b
VCLP DAC Voltage Max Output
VCLP Config. Register =
2.38
2.68
2.93
V
0001 1111b
Resistor Ladder Enabled
VCLP Config. Register =
1.54
V
A / 2
1.73
V
0010 xxxxb
I
SC
VCLP DAC Short Circuit Output
Current
VCLP Config. Register =
30
mA
0001 xxxxb
Black Level Offset DAC Specifications
Resolution
10
Bits
Monotonicity
Guaranteed by characterization
Offset Adjustment Range
CDS Gain = 1x
mV
Referred to AFE Input
Minimum DAC Code =
0x000
-614
Maximum DAC Code =
0x3FF
614
CDS Gain = 2x
mV
Minimum DAC Code =
0x000
-307
Maximum DAC Code =
0x3FF
307
Offset Adjustment Range
Minimum DAC Code =
0x000
-16000
-18200
LSB
Referred to AFE Output
Maximum DAC Code =
0x3FF
16000
18200
DAC LSB Step Size
CDS Gain = 1x
1.2
mV
Referred to AFE Output
(32)
(LSB)
DNL
Differential Non-Linearity
-0.95
3.25
LSB
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com