Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM98714
Description  Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98714 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM98714 Datasheet HTML 4Page - National Semiconductor (TI) LM98714 Datasheet HTML 5Page - National Semiconductor (TI) LM98714 Datasheet HTML 6Page - National Semiconductor (TI) LM98714 Datasheet HTML 7Page - National Semiconductor (TI) LM98714 Datasheet HTML 8Page - National Semiconductor (TI) LM98714 Datasheet HTML 9Page - National Semiconductor (TI) LM98714 Datasheet HTML 10Page - National Semiconductor (TI) LM98714 Datasheet HTML 11Page - National Semiconductor (TI) LM98714 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Note 4: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJMAX –TA)/θJA. The values for maximum power dissipation listed above will be reached only when the
device is operated in a severe fault condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Such conditions should always be avoided.
Note 5: Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor. Machine model is 220 pF discharged through 0Ω.
Note 6: Reflow temperature profiles are different for lead-free and non-lead-free packages.
Note 7: The analog inputs are protected as shown below. Input voltage magnitudes beyond the supply rails will not damage the device, provided the current is
limited per note 3. However, input errors will be generated If the input goes above VA and below AGND.
20105371
Note 8: Typical figures are at TA = 25˚C, and represent most likely parametric norms at the time of product characterization. The typical specifications are not
guaranteed.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com