Electronic Components Datasheet Search
  English  ▼

X  

LM98714 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM98714
Description  Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM98714 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM98714 Datasheet HTML 1Page - National Semiconductor (TI) LM98714 Datasheet HTML 2Page - National Semiconductor (TI) LM98714 Datasheet HTML 3Page - National Semiconductor (TI) LM98714 Datasheet HTML 4Page - National Semiconductor (TI) LM98714 Datasheet HTML 5Page - National Semiconductor (TI) LM98714 Datasheet HTML 6Page - National Semiconductor (TI) LM98714 Datasheet HTML 7Page - National Semiconductor (TI) LM98714 Datasheet HTML 8Page - National Semiconductor (TI) LM98714 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM98714
Three Channel, 16-Bit, 45 MSPS Digital Copier Analog
Front End with Integrated CCD/CIS Sensor Timing
Generator and LVDS Output
General Description
The LM98714 is a fully integrated, high performance 16-Bit,
45 MSPS signal processing solution for digital color copiers,
scanners, and other image processing applications. High-
speed signal throughput is achieved with an innovative ar-
chitecture utilizing Correlated Double Sampling (CDS), typi-
cally employed with CCD arrays, or Sample and Hold (S/H)
inputs (for Contact Image Sensors and CMOS image sen-
sors). The signal paths utilize 8 bit Programmable Gain
Amplifiers (PGA), a +/-9-Bit offset correction DAC and inde-
pendently controlled Digital Black Level correction loops for
each input. The PGA and offset DAC are programmed inde-
pendently allowing unique values of gain and offset for each
of the three inputs. The signals are then routed to a 45MHz
high performance analog-to-digital converter (ADC). The
fully differential processing channel shows exceptional noise
immunity, having a very low noise floor of -74dB. The 16-bit
ADC has excellent dynamic performance making the
LM98714 transparent in the image reproduction chain.
Applications
n
Multi-Function Peripherals
n
Facsimile Equipment
n
Flatbed or Handheld Color Scanners
n
High-speed Document Scanner
Features
n
LVDS/CMOS Outputs
n
LVDS/CMOS Pixel Rate Input Clock or ADC Input Clock
n
CDS or S/H Processing for CCD or CIS sensors
n
Independent Gain/Offset Correction for Each Channel
n
Digital Black Level Correction Loop for Each Channel
n
Programmable Input Clamp Voltage
n
Flexible CCD/CIS Sensor Timing Generator
Key Specifications
n
Maximum Input Level
1.2 or 2.4 Volt Modes
n
(both with + or - polarity option)
n
ADC Resolution
16-Bit
n
ADC Sampling Rate
45 MSPS
n
INL
+/- 23 LSB (typ)
n
Channel Sampling Rate
15/22.5/30 MSPS
n
PGA Gain Steps
256 Steps
n
PGA Gain Range
0.7 to 7.84x
n
Analog DAC Resolution
+/-9 Bits
n
Analog DAC Range
+/-300mV or +/-600mV
n
Digital DAC Resolution
+/-6 Bits
n
Digital DAC Range
-1024 LSB to + 1008 LSB
n
SNR
-74dB (@0dB PGA Gain)
n
Power Dissipation
505mW (LVDS) 610mW (CMOS)
n
Operating Temp
0 to 70˚C
n
Supply Voltage
3.3V Nominal (3.0V to 3.6V range)
System Block Diagram
20105370
October 2006
© 2006 National Semiconductor Corporation
DS201053
www.national.com


Similar Part No. - LM98714

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM98714 TI-LM98714 Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714 TI1-LM98714 Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMT TI-LM98714BCMT Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714BCMT TI1-LM98714BCMT Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714BCMT/NOPB TI1-LM98714BCMT/NOPB Datasheet
6Mb / 114P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
More results

Similar Description - LM98714

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP5000 BURR-BROWN-VSP5000 Datasheet
170Kb / 19P
12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
logo
National Semiconductor ...
LM98725 NSC-LM98725 Datasheet
488Kb / 16P
3 Channel, 16-Bit, 81 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and SSCG
LM98722 NSC-LM98722 Datasheet
481Kb / 14P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output, Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
logo
Texas Instruments
VSP5610 TI1-VSP5610 Datasheet
793Kb / 47P
16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with Timing Generator
VSP8133 TI-VSP8133 Datasheet
901Kb / 29P
CCD Analog Front-End with Timing Generator for Digital Cameras
LM98714CCMTX TI-LM98714CCMTX Datasheet
733Kb / 17P
LM98714 Three Channel, 16-Bit, 45 MSPS Digital Copier Analog Front End with Integrated CCD/CIS Sensor Timing Generator and LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_14 Datasheet
708Kb / 20P
3 Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output Integrated CCD/CIS Sensor Timing Generator and Spread Spectrum Clock Generation
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
Channel, 16-Bit, 45 MSPS Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com