Electronic Components Datasheet Search
  English  ▼

X  

LP2985-10DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 3 Page - Texas Instruments

  LP2985-10DBVT Datasheet HTML 1Page - Texas Instruments LP2985-10DBVT Datasheet HTML 2Page - Texas Instruments LP2985-10DBVT Datasheet HTML 3Page - Texas Instruments LP2985-10DBVT Datasheet HTML 4Page - Texas Instruments LP2985-10DBVT Datasheet HTML 5Page - Texas Instruments LP2985-10DBVT Datasheet HTML 6Page - Texas Instruments LP2985-10DBVT Datasheet HTML 7Page - Texas Instruments LP2985-10DBVT Datasheet HTML 8Page - Texas Instruments LP2985-10DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
5 Pin Configuration and Functions
V
OUT
BYPASS
1
2
3
4
5
V
IN
GND
ON/OFF
Figure 5-1. DBV Package, 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
BYPASS
4
I/O
BYPASS pin to achieve low noise performance. Connecting an external capacitor between
BYPASS pin and ground reduces reference voltage noise. See the Recommended
Operating Conditions section for more information.
GND
2
Ground
ON/OFF
3
I
Enable pin for the LDO. Driving the ON/OFF pin high enables the device. Driving this pin low
disables the device. High and low thresholds are listed in the Electrical Characteristics table.
Tie this pin to VIN if unused.
VIN
1
I
Input supply pin. Use a capacitor with a value of 1 µF or larger from this pin to ground. See
the Input and Output Capacitor Requirements section for more information.
VOUT
5
O
Output of the regulator. Use a capacitor with a value of 2.2 µF or larger from this pin to
ground.(1) See the Input and Output Capacitor Requirements section for more information.
(1)
The nominal output capacitance must be greater than 1 μF. Throughout this document, the nominal derating on these capacitors is
50%. Make sure that the effective capacitance at the pin is greater than 1 μF.
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com