Electronic Components Datasheet Search
  English  ▼

X  

LP2985-10DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP2985-10DBVT Datasheet HTML 5Page - Texas Instruments LP2985-10DBVT Datasheet HTML 6Page - Texas Instruments LP2985-10DBVT Datasheet HTML 7Page - Texas Instruments LP2985-10DBVT Datasheet HTML 8Page - Texas Instruments LP2985-10DBVT Datasheet HTML 9Page - Texas Instruments LP2985-10DBVT Datasheet HTML 10Page - Texas Instruments LP2985-10DBVT Datasheet HTML 11Page - Texas Instruments LP2985-10DBVT Datasheet HTML 12Page - Texas Instruments LP2985-10DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
6.6 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
9.85
9.90
9.95
10.00
10.05
10.10
10.15
10.20
-50
-25
0
25
50
75
100
125
150
Temperature – °C
VI = 11 V
VO = 10 V
CI = 1 µF
CO = 4.7 µF
IO = 1 mA
Figure 6-1. Output Voltage vs Temperature for Legacy Chip
3.295
3.305
3.315
3.325
3.335
3.345
−50
−25
0
25
50
75
100
125
150
VI = 4.3 V
VO = 3.3 V
Ci = 1 mF
Co = 4.7 mF
IO = 1 mA
Temperature − ( C)
°
Figure 6-2. Output Voltage vs Temperature for Legacy Chip
Temp
C
-75
-50
-25
0
25
50
75
100
125
150
3.28
3.285
3.29
3.295
3.3
3.305
3.31
3.315
VI = 4.3 V
VO = 3.3 V
Iout = 1mA
CO = 4.7uF
VIN = 4.3 V, VOUT = 3.3 V (for new chip)
Figure 6-3. Output Voltage vs Temperature for New Chip
Figure 6-4. Dropout Voltage vs Temperature for Legacy Chip
Temperature (°C)
-75
-50
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
450
Iout
1mA
10mA
50mA
150mA
Figure 6-5. Dropout Voltage vs Temperature for New Chip
IOUT (mA)
0
20
40
60
80
100
120
140
160
0
25
50
75
100
125
150
175
200
225
250
VO = 3.3 V
CO = 4.7uF
Temperature
-55 °C
-40 °C
0 °C
25 °C
85 °C
125 °C
150 °C
Figure 6-6. Dropout Voltage vs Load Current for New Chip
www.ti.com
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com