Electronic Components Datasheet Search
  English  ▼

X  

LP2985-10DBVT Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-10DBVT
Description  LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-10DBVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP2985-10DBVT Datasheet HTML 8Page - Texas Instruments LP2985-10DBVT Datasheet HTML 9Page - Texas Instruments LP2985-10DBVT Datasheet HTML 10Page - Texas Instruments LP2985-10DBVT Datasheet HTML 11Page - Texas Instruments LP2985-10DBVT Datasheet HTML 12Page - Texas Instruments LP2985-10DBVT Datasheet HTML 13Page - Texas Instruments LP2985-10DBVT Datasheet HTML 14Page - Texas Instruments LP2985-10DBVT Datasheet HTML 15Page - Texas Instruments LP2985-10DBVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
6.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 1.0 V or 2.5 V (whichever is greater), IOUT = 1 mA, ON/OFF pin tied to
VIN, CIN = 1.0 µF, and COUT = 4.7 µF (unless otherwise noted)
Frequency - (Hz)
101
102
103
104
105
106
107
0
10
20
30
40
50
60
70
80
90
100
110
120
VIN = 5 V
V0 = 3.3 V
C0 = 10 uF
Cbyp = 0 nF
1 mA
150 mA
50 mA
VIN = 5 V, VOUT = 3.3 V, COUT = 10 μF, CBYP = 0 nF
Figure 6-19. Ripple Rejection vs Frequency for New Chip
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
50 mA
150 mA
1 mA
VI = 3.7 V
VO = 3.3 V
Co = 10 mF
Cbyp = 0 nF
Figure 6-20. Ripple Rejection vs Frequency for Legacy Chip
Frequency - (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
90
100
110
120
1 mA
150 mA
50 mA
VIN = 3.7 V, VOUT = 3.3 V, COUT = 10 μF, CBYP = 0 nF
Figure 6-21. Ripple Rejection vs Frequency for New Chip
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
VI = 5 V
VO = 3.3 V
Co = 4.7 mF
Cbyp = 10 nF
50 mA
150 mA
1 mA
Figure 6-22. Ripple Rejection vs Frequency for Legacy Chip
Frequency - (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
10
20
30
40
50
60
70
80
90
100
110
120
VIN = 5 V
V0 = 3.3 V
C0 = 4.7 uF
Cbyp = 10 nF
1 mA
150 mA
50 mA
Figure 6-23. Ripple Rejection vs Frequency for New Chip
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Frequency − (Hz)
VI = 5 V
VO = 3.3 V
Co = 4.7 mF
Cbyp = 10 nF
10 mA
100 mA
1 mA
Figure 6-24. Ripple Rejection vs Frequency for Legacy Chip
LP2985
SLVS522Q – JULY 2004 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP2985



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com