Electronic Components Datasheet Search
  English  ▼

X  

SP3244E Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3244E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3244E Datasheet(HTML) 4 Page - Sipex Corporation

  SP3244E Datasheet HTML 1Page - Sipex Corporation SP3244E Datasheet HTML 2Page - Sipex Corporation SP3244E Datasheet HTML 3Page - Sipex Corporation SP3244E Datasheet HTML 4Page - Sipex Corporation SP3244E Datasheet HTML 5Page - Sipex Corporation SP3244E Datasheet HTML 6Page - Sipex Corporation SP3244E Datasheet HTML 7Page - Sipex Corporation SP3244E Datasheet HTML 8Page - Sipex Corporation SP3244E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Rev M 10/9/06
SP3244E-SP3245E, 3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus
© Copyright 2006 Sipex Corporation
4
ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMB
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Receiver Inputs
Input Voltage Range
-15
+15
V
Input Threshold Low
VCC = 3.3V
0.6
1.0
V
VCC = 5.0V
0.8
1.2
Input Threshold High
VCC = 3.3V
1.2
2.4
V
VCC = 5.0V
1.7
2.4
V
Input Hysteresis
200
mV
Input Resistance
TA = 25ºC
3
4.5
7
kΩ
Driver Outputs
Output Voltage Swing
VO
All transmitter outputs loaded with
3kΩ to GND
±5.0
±5.6
V
Output load = Open Circuit
±15.0
Short Circuit Current
Vout = 0V
±60
mA
Power-Off Impedance
VCC = V+ = V- = 0, transmitter
outputs = ±2V
300
10M
Ω
Output Leakage Current
VCC = 0 or 3V to 3.3V, VOUT = ±12V,
Drivers disabled
±25
µA
Mouse Drivability
T1IN = T2IN = GND, T3IN = VCC,
T3 loaded with 3kΩ to GND, T1OUT
and T2OUT loaded with 2.5mA each
±5.0
V
ESD Protection
IEC 1000-4-2 Air Discharge
±15
ESD Protection for RxIn, TxOut
pins
IEC 1000-4-2 Contact Discharge
±8
kV
Human Body Model
±15
All Other Pins
Human Body Model
±2
kV
Auto On-line® Plus (ONLINE = GND, SHUTDOWN = Vcc)
Rx Input Threshold to
STATUS Output High
±2.7
V
Rx Input Threshold to
STATUS Output Low
±0.3
V
Threshold to STATUS High
tSTH
0.4
µs
Threshold to STATUS Low
tSTL
30
µs
Rx or Tx Transition to
Drivers Enabled
tONLINE
100
µs
Last Rx or Tx Transition to Driv-
ers Disabled
tOFFLINE
Note 1
15
30
60
sec
Note 1: Characterized, not 100% tested.
Unless otherwise noted VCC = +3.0V to +5.5V, TAMB = TMIN to TMAX, C1–C4 = 0.1µF.
Typical values are at TAMB = +25°C, VCC = 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com