Electronic Components Datasheet Search
  English  ▼

X  

SP3244E Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3244E
Description  3.0V to 5.5V RS-232 Transceivers with Auto On-Line짰 Plus
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3244E Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3244E Datasheet HTML 2Page - Sipex Corporation SP3244E Datasheet HTML 3Page - Sipex Corporation SP3244E Datasheet HTML 4Page - Sipex Corporation SP3244E Datasheet HTML 5Page - Sipex Corporation SP3244E Datasheet HTML 6Page - Sipex Corporation SP3244E Datasheet HTML 7Page - Sipex Corporation SP3244E Datasheet HTML 8Page - Sipex Corporation SP3244E Datasheet HTML 9Page - Sipex Corporation SP3244E Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Rev M 10/9/06
SP3244E-SP3245E, 3.0V to 5.5V RS-232 Transceivers with Auto On-Line® Plus
© Copyright 2006 Sipex Corporation
6
0
50
100
150
200
250
300
350
400
0
250
500
750 1000 1250 1500 1750 2000 2250 2500 2750 3000 3250 3500
Load Capacitance (pF)
Skew (ns)
3244, 250kbps
3245, 1Mbps
TYPICAL PERFORMANCE CHARACTERISTICS
Turn on Time vs. Temperature
ICC vs. Load Capacitance
Transmitter Output vs. Load Capacitance
Transmitter Input to Receiver Output Propaga-
tion Delay vs. Load Capacitance
Transmitter Output Slew Rate vs. Load Capaci-
tance
Transmitter Skew vs. Load Capacitance
0
5
10
15
20
25
30
35
40
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Load Capacitiance (pF)
Supply Current (mA)
250kbps
1Mbps
0
0.5
1
1.5
2
2.5
3
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Load Capacitiance (pF)
Tin to Rout Propagation Delay (us)
0
5
10
15
20
25
30
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Load Capacitiance (pF)
Transmitter Output Slew Rate (V/us)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
Load Capacitiance (pF)
Transmitter Output Voltage (V)
V-
V+
100
150
200
250
300
350
400
-55
-30
-5
20
45
70
95
Temperature (ºC)
Charge Pump Turn-on Time (us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com