Electronic Components Datasheet Search
  English  ▼

X  

ATR0625 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR0625
Description  GPS Baseband Processor SuperSense
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR0625 Datasheet HTML 9Page - ATMEL Corporation ATR0625 Datasheet HTML 10Page - ATMEL Corporation ATR0625 Datasheet HTML 11Page - ATMEL Corporation ATR0625 Datasheet HTML 12Page - ATMEL Corporation ATR0625 Datasheet HTML 13Page - ATMEL Corporation ATR0625 Datasheet HTML 14Page - ATMEL Corporation ATR0625 Datasheet HTML 15Page - ATMEL Corporation ATR0625 Datasheet HTML 16Page - ATMEL Corporation ATR0625 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
4925A–GPS–02/06
ATR0625 [Preliminary]
The Antenna Supervisor Software will be configured as follows:
1.
Enable Control Signal
2.
Enable Short Circuit Detection (power down antenna via ANTON if short is detected
via NANTSHORT)
3.
Enable Open Circuit Detection via NAADET
The antenna supervisor function may not be disabled by GPSMODE pin selection.
Table 3-14.
Antenna Detection I/O Settings
GPSMODE11
(Reset = PU)
GPSMODE10
(Reset = PU)
GPSMODE8
(Reset = PU) Location of NAADET
Comment
0
0
0
P25/NAADET0/MISO
0
0
1
P25/NAADET0/MISO
0
1
0
P14/NAADET1
Reserved for further use.
Do not use this setting.
011
P14/NAADET1
(Default ROM value)
1
0
0
P14/NAADET1
Reserved for further use.
Do not use this setting.
1
0
1
P14/NAADET1
Reserved for further use.
Do not use this setting.
1
1
0
P25/NAADET0/MISO
1
1
1
P25/NAADET0/MISO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com