Electronic Components Datasheet Search
  English  ▼

X  

ATR0625 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATR0625
Description  GPS Baseband Processor SuperSense
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATR0625 Datasheet HTML 17Page - ATMEL Corporation ATR0625 Datasheet HTML 18Page - ATMEL Corporation ATR0625 Datasheet HTML 19Page - ATMEL Corporation ATR0625 Datasheet HTML 20Page - ATMEL Corporation ATR0625 Datasheet HTML 21Page - ATMEL Corporation ATR0625 Datasheet HTML 22Page - ATMEL Corporation ATR0625 Datasheet HTML 23Page - ATMEL Corporation ATR0625 Datasheet HTML 24Page - ATMEL Corporation ATR0625 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
21
4925A–GPS–02/06
ATR0625 [Preliminary]
7.
Electrical Characteristics
If no additional information is given in column Test Conditions, the values apply to a temperature range from –40°C to +85°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
1.1
DC Supply Voltage Core
VDD18
VDD18
1.65
1.8
1.95
V
1.2
DC Supply Voltage VDDIO
Domain(1)
VDDIO
VDDIO
1.65
1.8/3.3
3.6
V
1.3
DC Supply Voltage USB(2)
VDD_USB
VDDUSB
3.0
3.3
3.6
V
1.4
DC Supply Voltage Backup
Domain(3)
VBAT18
VBAT18
1.65
1.8
3.6
V
1.5
DC Output Voltage VDD18
V
O,18
0
VDD18
V
1.6
DC Output Voltage VDDIO
V
O,IO
0VDDIO
V
1.7
Low-level Input Voltage
VDD18 Domain
VDD18 = 1.65V to 1.95V
VIL,18
–0.3
0.3
×
VDD18
V
1.8
High-level Input Voltage
VDD18 Domain
VDD18 = 1.65V to 1.95V
V
IH,18
0.7
×
VDD18
VDD18 +
0.3
V
1.9
Low-level Input Voltage
VDDIO Domain
VDDIO = 1.65V to 3.6V
V
IL,IO
–0.3
+0.41
V
1.10
High-level Input Voltage
VDDIO Domain
VDDIO = 1.65V to 3.6V
VIH,IO
1.46
5.0
V
1.11
Low-level Input Voltage
VBAT18 Domain
VBAT18 = 1.65V to 1.95V
P9, P13, P22,
P31
V
IL,BAT
–0.3
+0.41
V
1.12
High-level Input Voltage
VBAT18 Domain
VBAT18 = 1.65V to 1.95V
P9, P13, P22,
P31
V
IH,BAT
1.46
5.0
V
1.13 Low-level Input Voltage USB VDD_USB = 3.0V to 3.6V
DP, DM
V
IL,USB
–0.3
+0.8
V
1.14 High-level Input Voltage USB VDD_USB = 3.0V to 3.6V
DP, DM
V
IH,USB
2.0
4.6
V
1.15
Low-level Output Voltage
VDD18 Domain
IOL = 1.5 mA, VDD18 = 1.65V
VOL,18
0.4
V
1.16
High-level Output Voltage
VDD18 Domain
IOH = –1.5 mA,
VDD18 = 1.65V
V
OH,18
VDD18 –
0.45
V
1.17
Low-level Output Voltage
VDDIO Domain
IOL = 1.5 mA, VDDIO = 3.0V
VOL,IO
0.4
V
1.18
High-level Output Voltage
VDDIO Domain
IOH = –1.5 mA, VDDIO = 3.0V
VOH,IO
VDDIO –
0.5
V
1.19
Low-level Output Voltage
VBAT18 Domain
I
OL = 1 mA
P9, P13, P22,
P31
V
OL,BAT
0.4
V
1.20
High-level Output Voltage
VBAT18 Domain
IOH = –1 mA
P9, P13, P22,
P31
VOH,BAT
1.2
V
1.21
Low-level Output Voltage
USB
I
OL = 1.5 mA,
VDD_USB = 3.0V to 3.6V,
27
Ω external series resistor
DP, DM
VOL,USB
0.4
V
1.22
High-level Output Voltage
USB
IOH = –1.5 mA,
VDD_USB = 3.0V to 3.6V,
27
Ω external series resistor
DP, DM
V
OH,USB
2.7
V
Notes:
1. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29
2. Values defined for operating the USB interface. Otherwise VDD_USB may be connected to ground
3. Supply voltage VBAT18 for backup domain is generated internally by the LDOBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com