Electronic Components Datasheet Search
  English  ▼

X  

ATR0625 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR0625
Description  GPS Baseband Processor SuperSense
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0625 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR0625 Datasheet HTML 2Page - ATMEL Corporation ATR0625 Datasheet HTML 3Page - ATMEL Corporation ATR0625 Datasheet HTML 4Page - ATMEL Corporation ATR0625 Datasheet HTML 5Page - ATMEL Corporation ATR0625 Datasheet HTML 6Page - ATMEL Corporation ATR0625 Datasheet HTML 7Page - ATMEL Corporation ATR0625 Datasheet HTML 8Page - ATMEL Corporation ATR0625 Datasheet HTML 9Page - ATMEL Corporation ATR0625 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
4925A–GPS–02/06
ATR0625 [Preliminary]
P14
1
I/O
Configurable (PD)
NAADET1
“0”
P15
17
I/O
PD
ANTON
P16
6
I/O
Configurable (PU)
NEEPROM
SIGHI1
NWD_OVF
P17
2
I/O
Configurable (PD)
GPSMODE5
SCK1
SCK1
P18
45
I/O
Configurable (PU)
TXD1
TXD1
“0”
P19
53
I/O
Configurable (PU)
GPSMODE6
SIGLO1
“0”
P20
4
I/O
Configurable (PD)
TIMEPULSE
SCK2
SCK2
TIMEPULSE
P21
52
I/O
Configurable (PU)
TXD2
TXD2
“0”
P22
30
I/O
PU
RXD2
RXD2
P23
3
I/O
Configurable (PU)
GPSMODE7
SCK
SCK
MCLK_OUT
P24
5
I/O
Configurable (PU)
GPSMODE8
MOSI
MOSI
“0”
P25
55
I/O
Configurable (PD)
NAADET0
MISO
MISO
“0”
P26
44
I/O
Configurable (PU)
GPSMODE10
NSS
NPCS0
“0”
P27
54
I/O
Configurable (PU)
GPSMODE11
NPCS1
P29
50
I/O
Configurable (PU)
GPSMODE12
NPCS3
P30
16
I/O
PD
AGCOUT0
AGCOUT0
“0”
P31
31
I/O
PU
RXD1
RXD1
RF_ON
15
OUT
PD
SIGHI0
38
IN
SIGLO0
39
IN
TCK
9
IN
PU
TDI
10
IN
PU
TDO
11
OUT
TMS
12
IN
PU
USB_DM
34
I/O
USB_DP
35
I/O
VBAT
22
IN
VBAT18(3)
23
OUT
VDD18
7, 14
IN
VDD18
18, 36
IN
VDD18
51
IN
VDDIO(4)
43, 56
IN
VDD_USB(5)
33
IN
XT_IN
28
IN
XT_OUT
27
OUT
NC(6)
42
Table 3-1.
ATR0625 Pinout (Continued)
Pin Name
QFN56
Pin
Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
PIO Bank B
IOI
O
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. Ground plane
3. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 17.
4. VDDIO is the supply voltage for the following GPIO-pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 17.
5. VDD_USB is the supply voltage for following the USB-pins: USB_DM and USB_DP, see section “Power Supply” on page
17. For operation of the USB interface, supply of 3.0V to 3.6V is required.
6. This pin is not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com