Electronic Components Datasheet Search
  English  ▼

X  

MC68331 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MC68331
Description  16.78 MHz Electrical Characteristics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC68331 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MC68331 Datasheet HTML 18Page - NXP Semiconductors MC68331 Datasheet HTML 19Page - NXP Semiconductors MC68331 Datasheet HTML 20Page - NXP Semiconductors MC68331 Datasheet HTML 21Page - NXP Semiconductors MC68331 Datasheet HTML 22Page - NXP Semiconductors MC68331 Datasheet HTML 23Page - NXP Semiconductors MC68331 Datasheet HTML 24Page - NXP Semiconductors MC68331 Datasheet HTML 25Page - NXP Semiconductors MC68331 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
MC68L300EC16/D
Figure 20 TPU Timing Diagram
NOTES:
1. AC Timing is shown with respect to 20% VDD and 70% VDD levels.
2. Timing not valid for external T2CLK input.
3. Maximum load capacitance for CLKOUT pin is 90 pF.
4. Maximum load capacitance for TPU output pins is 100 pF.
Table 10 Time Processor Unit Timing
(VDD and VDDA = 3.0 to 3.6Vdc, VSS = 0 Vdc, T
A
= T
L
to T
H
)1
Num
Parameter
Symbol
Min
Max
Unit
1
CLKOUT High to TPU Output Channel Valid2, 3, 4
tCHTOV
223
ns
2
CLKOUT High to TPU Output Channel Hold
tCHTOH
020
ns
3
TPU Input Channel Pulse Width
tTIPW
4—
tcyc
TPU I/O TIM
CLKOUT
TPU OUTPUT
TPU INPUT
2
1
3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com