Electronic Components Datasheet Search
  English  ▼

X  

BF992 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BF992
Description  Silicon N-channel dual gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF992 Datasheet(HTML) 5 Page - NXP Semiconductors

  BF992 Datasheet HTML 1Page - NXP Semiconductors BF992 Datasheet HTML 2Page - NXP Semiconductors BF992 Datasheet HTML 3Page - NXP Semiconductors BF992 Datasheet HTML 4Page - NXP Semiconductors BF992 Datasheet HTML 5Page - NXP Semiconductors BF992 Datasheet HTML 6Page - NXP Semiconductors BF992 Datasheet HTML 7Page - NXP Semiconductors BF992 Datasheet HTML 8Page - NXP Semiconductors BF992 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1999 Aug 11
5
Philips Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
Fig.3 Output characteristics; typical values.
handbook, halfpage
12
MGE797
010
24
0
8
16
4
12
20
2468
VDS (V)
ID
(mA)
0.1 V
0 V
−0.5 V
−0.6 V
−0.4 V
−0.3 V
−0.2 V
−0.1 V
VG1-S = 0.2 V
VG2-S = 4 V; Tj =25 °C.
Fig.4 Transfer characteristics; typical values.
handbook, halfpage
−11
30
0
10
20
MGE799
0
4 V
3 V
2 V
1 V
0 V
VG2-S = 5 V
VG1-S (V)
ID
(mA)
VDS = 10 V; Tj =25 °C.
Fig.5
Forward transfer admittance as a function
of drain current; typical values.
handbook, halfpage
020
30
0
10
20
MGE798
10
ID (mA)
1 V
5 V
2 V
3 V
4 V
VG2-S = 0 V
|yfs|
(mS)
VDS = 10 V; Tj =25 °C.
Fig.6
Forward transfer admittance as a function
of gate 1-source voltage; typical values.
handbook, halfpage
−11
30
0
10
20
MGE800
0
Yfs
(mS)
4 V
5 V
3 V
2 V
1 V
0 V
VG2-S =
VG1-S (V)
VDS = 10 V; Tj =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com