Electronic Components Datasheet Search
  English  ▼

X  

BF992 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BF992
Description  Silicon N-channel dual gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF992 Datasheet(HTML) 4 Page - NXP Semiconductors

  BF992 Datasheet HTML 1Page - NXP Semiconductors BF992 Datasheet HTML 2Page - NXP Semiconductors BF992 Datasheet HTML 3Page - NXP Semiconductors BF992 Datasheet HTML 4Page - NXP Semiconductors BF992 Datasheet HTML 5Page - NXP Semiconductors BF992 Datasheet HTML 6Page - NXP Semiconductors BF992 Datasheet HTML 7Page - NXP Semiconductors BF992 Datasheet HTML 8Page - NXP Semiconductors BF992 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Aug 11
4
Philips Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
THERMAL CHARACTERISTICS
Note
1. Device mounted on a ceramic substrate, 8 mm
× 10 mm × 0.7 mm.
STATIC CHARACTERISTICS
Tj =25 °C unless otherwise specified.
DYNAMIC CHARACTERISTICS
Common source; Tamb =25 °C; VDS =10V; VG2-S = 4 V; ID = 15 mA; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
note 1
460
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±V(BR)G1-SS gate 1-source breakdown voltage
VG2-S =VDS = 0; IG1-SS = ±10 mA
8
20
V
±V(BR)G2-SS gate 2-source breakdown voltage
VG1-S =VDS = 0; IG2-SS = ±10 mA
8
20
V
−V(P)G1-S
gate 1-source cut-off voltage
VG2-S =4V; VDS = 10 V; ID =20 µA
0.2
1.3
V
−V
(P)G2-S
gate 2-source cut-off voltage
VG1-S = 0; VDS = 10 V; ID =20 µA
0.2
1.1
V
±I
G1-SS
gate 1 cut-off current
VG2-S =VDS = 0; VG1-S = ±7V
−
25
nA
±I
G2-SS
gate 2 cut-off current
VG1-S =VDS = 0; VG2-S = ±7V
−
25
nA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
yfs
forward transfer admittance
20
25
−
mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
−
4
−
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
−
1.7
−
pF
Cos
output capacitance
f = 1 MHz
−
2
−
pF
Crs
reverse transfer capacitance
f = 1 MHz
−
30
40
fF
F
noise figure
f = 200 MHz; GS =2mS
−
1.2
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com