Electronic Components Datasheet Search
  English  ▼

X  

BF992 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BF992
Description  Silicon N-channel dual gate MOS-FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF992 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BF992 Datasheet HTML 2Page - NXP Semiconductors BF992 Datasheet HTML 3Page - NXP Semiconductors BF992 Datasheet HTML 4Page - NXP Semiconductors BF992 Datasheet HTML 5Page - NXP Semiconductors BF992 Datasheet HTML 6Page - NXP Semiconductors BF992 Datasheet HTML 7Page - NXP Semiconductors BF992 Datasheet HTML 8Page - NXP Semiconductors BF992 Datasheet HTML 9Page - NXP Semiconductors BF992 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Aug 11
6
Philips Semiconductors
Product specification
Silicon N-channel dual gate MOS-FET
BF992
Fig.7
Input admittance as a function of frequency;
typical values.
VDS = 10 V; VG2-S = 4 V; ID = 15 mA; Tamb =25 °C.
handbook, halfpage
MGE794
102
10−2
10
102
103
10−1
1
10
bis
gis
yis
(mS)
f (MHz)
handbook, halfpage
MGE793
10
1
10−1
10−2
10
102
103
bos
gos
yos
(mS)
f (MHz)
VDS = 10 V; VG2-S = 4 V; ID = 15 mA; Tamb =25 °C.
Fig.8
Output admittance as a function of
frequency; typical values.
Fig.9
Forward transfer admittance as a function
of frequency; typical values.
handbook, halfpage
25
0
MGE795
10
102
103
5
10
15
20
Yfs
(mS)
f (MHz)
−bfs
gfs
VDS = 10 V; VG2-S = 4 V; ID = 15 mA; Tamb =25 °C.
Fig.10 Reverse transfer admittance as a function
of frequency; typical values.
handbook, halfpage
120
0
MGE796
40
80
10
102
103
yrs
(
µS)
grs
−brs
f (MHz)
VDS = 10 V; VG2-S = 4 V; ID = 15 mA; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com