Electronic Components Datasheet Search
  English  ▼

X  

LASERIES Datasheet(PDF) 3 Page - Exxelia Group

Part # LASERIES
Description  Radial Molded Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

LASERIES Datasheet(HTML) 3 Page - Exxelia Group

  LASERIES Datasheet HTML 1Page - Exxelia Group LASERIES Datasheet HTML 2Page - Exxelia Group LASERIES Datasheet HTML 3Page - Exxelia Group LASERIES Datasheet HTML 4Page - Exxelia Group LASERIES Datasheet HTML 5Page - Exxelia Group LASERIES Datasheet HTML 6Page - Exxelia Group LASERIES Datasheet HTML 7Page - Exxelia Group LASERIES Datasheet HTML 8Page - Exxelia Group LASERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CERAMIC CAPACITORS
18
www.exxelia.com
Taping : dimensions
Page revised 02/21
COMPOSITION
NPO capacitors are produced by using a dielectric made of titanium dioxide
(Ti O2) modified by magnesium oxide Mg O (white ceramics) or a rare earth
oxide, e.g. Nd2 O3 (other NPO ceramics).
As a consequence, these ceramics are non ferro-electric materials with a low
dielectric constant (
εr ≤ 110).
Other additives are used to dope the dielectric constant up to 300. Though der-
ogating from CG class, doped dielectric constant features a linear temperature
drift and a matchless stability compared with class 2 ceramics.
The wide range of possible NPO dielectric compositions enables to use the ma-
terial best suited to the application :
• standard applications,
• high voltage,
• high temperature,
• microwave,
• power capacitors.
«Temperature coefficient» compositions are particularly suitable for imped-
ance matching. These ceramics usually enable to achieve temperature coef-
ficients from 0 to –1 000 ppm/°C. For specific requirements, other coefficients
can be achieved (e.g. –3 300 ppm/°C).
STABILITY
As
εr is low, these dielectrics are extremely stable with only minor changes
under such stresses as :
• temperature,
• voltage,
• frequency.
In addition, they are not affected by piezo-electric phenomena and their dielec-
tric absorption coefficients are low and even non measurable for dielectrics
with the lowest constants.
MECHANICAL PROPERTIES
Class 1 ceramics are the perfect match for metallic electrodes made of Pd or
Ag-Pd alloy and have a high hardness and mechanical toughness making them
resistant to thermal shocks (wave soldering for instance) and to thermal cy-
cling after mounting on substrates having an expansion coefficient close to
the capacitor one.
Ceramic chips meet CECC 32100 and NF C 93133 standards.
CLIMATIC CATEGORIES
Climatic categories are identified by three-digit codes as per NF C 20700 stan-
dard. Coding method is described in table 6.
e.g. : – 55°C + 125°C / 56 days category is identified by code 434.
TEMPERATURE COEFFICIENT
Temperature coefficient kV(ppm/°C)
kV
Tolerances
Code letter
+ 100
± 30
AG
0
± 30
CG
– 33
± 30
HG
– 75
± 30
LG
– 150
± 30
PG
– 220
± 30
RG
– 330
± 60
SH
– 470
± 60
TH
– 750
± 120
UJ
– 1 000
± 250
QK
General Information NPO/COG (Class 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com