Electronic Components Datasheet Search
  English  ▼

X  

LASERIES Datasheet(PDF) 1 Page - Exxelia Group

Part # LASERIES
Description  Radial Molded Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

LASERIES Datasheet(HTML) 1 Page - Exxelia Group

  LASERIES Datasheet HTML 1Page - Exxelia Group LASERIES Datasheet HTML 2Page - Exxelia Group LASERIES Datasheet HTML 3Page - Exxelia Group LASERIES Datasheet HTML 4Page - Exxelia Group LASERIES Datasheet HTML 5Page - Exxelia Group LASERIES Datasheet HTML 6Page - Exxelia Group LASERIES Datasheet HTML 7Page - Exxelia Group LASERIES Datasheet HTML 8Page - Exxelia Group LASERIES Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CERAMIC CAPACITORS
36
www.exxelia.com
Taping : dimensions
Page revised 02/21
LA Series
Radial Molded Capacitors
FEATURES
• Radial molded capacitors
• Temperature coefficients : 0±30.10–6
–750.10–6
–1500.10–6
• Capacitance range: 1pF to 680nF
• RoHS and Non RoHS compliant capacitors available
PHYSICAL CHARACTERISTICS
CONSTRUCTION
Leaded MLCC capacitors for through-hole mounting:
Epoxy molded capacitors
MARKING
Capacitance, tolerance, voltage, dielectric, date code.
ELECTRICAL SPECIFICATIONS
Temperature coefficient
0±30.10–6
–750.10–6
–1500.10–6
Operating temperature
–55°C to +125°C
Climatic category
55 / 125 / 56
Rated voltage (URC)
25VDC to 63VDC
Dielectric withstanding voltage
2.5 URC
Dissipation factor at 1kHz at 25°C
≤ 10.10–4
≤ 100.10–4
≤ 250.10–4
Insulation resistance at 25°C
≥ 50,000 MΩ for C ≤ 1nF
≥ 50 MΩ.
µF for C > 1nF
HOW TO ORDER
LA
1
W
F
10pF
10%
50V
B
-
Series
Size
RoHS compliant
Quality level
Capacitance
Tolerance
Rated voltage
Packaging
Reliability level
LA = Radial leaded,
molded capacitor
1
2
3
4
5A
5B
5C
- = No RoHS
W = RoHS
compliant
- = standard quality
level
F = Hi-Rel quality:
screening in
accordance with
Exxelia specification
Capacitance value
in clear
0±30.10–6:
cap. value ≤ 10pF
±0.25pF
cap. value ≤ 6.8pF
±0.5pF
±1pF
cap. value > 22pF
±1%
cap. value > 10pF
±2%
cap. value > 6.8pF
±5%
±10%
cap. value > 3.3pF
±20%
Available for –750.10–6
and –1500.10–6:
±10%
±20%
25V
50V
63V
Intermediary
and higher voltages
available on request.
- = Exxelia packaging
Available for quantity
≥ 500:
B = reel
For F parts only.
Acc. to Exxelia spec.
-
T5
T6
See page 15


Similar Part No. - LASERIES

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LASERCHECK ROITHNER-LASERCHECK Datasheet
122Kb / 2P
Handheld Laser Power Meter
logo
AEROTECH US. ALL RIGHTS...
LASERTURN-1 AEROTECH-LASERTURN-1 Datasheet
1Mb / 5P
Linear/Rotary Motion Platform
LASERTURN160 AEROTECH-LASERTURN160 Datasheet
896Kb / 8P
Laser Machining System
More results

Similar Description - LASERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
26-Mar-02
logo
Kemet Corporation
C052C109M1G5TA KEMET-C052C109M1G5TA Datasheet
140Kb / 10P
CERAMIC MOLDED/AXIAL & RADIAL - STANDARD
C1141100K1X5C2 KEMET-C1141100K1X5C2 Datasheet
163Kb / 10P
CERAMIC MOLDED AXIAL & RADIAL
C114G10922G5C1 KEMET-C114G10922G5C1 Datasheet
166Kb / 10P
CERAMIC MOLDED AXIAL & RADIAL
logo
Cornell Dubilier Electr...
TIM226006P0X CDE-TIM226006P0X Datasheet
196Kb / 4P
Molded, Radial Lead, Solid Tantalum Capacitors
logo
AVX Corporation
TAP476K035CRW AVX-TAP476K035CRW Datasheet
332Kb / 16P
Dipped Radial Capacitors
TAP475M035SCS AVX-TAP475M035SCS Datasheet
118Kb / 3P
Dipped Radial Capacitors
logo
Vishay Siliconix
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
Resin-Molded, Radial-Lead Solid Tantalum Capacitors
18-Jun-12
logo
AVX Corporation
TAP685K016SCS AVX-TAP685K016SCS Datasheet
112Kb / 3P
Dipped Radial Capacitors
logo
Exxelia Group
TCE-TCX-TCN-TXR EXXELIA-TCE-TCX-TCN-TXR Datasheet
700Kb / 16P
Axial Molded Capacitors
revised 11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com