Electronic Components Datasheet Search
  English  ▼

X  

LASERIES Datasheet(PDF) 6 Page - Exxelia Group

Part # LASERIES
Description  Radial Molded Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

LASERIES Datasheet(HTML) 6 Page - Exxelia Group

Back Button LASERIES Datasheet HTML 2Page - Exxelia Group LASERIES Datasheet HTML 3Page - Exxelia Group LASERIES Datasheet HTML 4Page - Exxelia Group LASERIES Datasheet HTML 5Page - Exxelia Group LASERIES Datasheet HTML 6Page - Exxelia Group LASERIES Datasheet HTML 7Page - Exxelia Group LASERIES Datasheet HTML 8Page - Exxelia Group LASERIES Datasheet HTML 9Page - Exxelia Group LASERIES Datasheet HTML 10Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CERAMIC CAPACITORS
21
www.exxelia.com
General characteristics
Page revised 02/21
IMPEDANCE VERSUS FREQUENCY
CAPACITANCE CHANGE VERSUS TEMPERATURE
DISSIPATION FACTOR VERSUS FREQUENCY
IR VERSUS TEMPERATURE
DISSIPATION FACTOR VERSUS TEMPERATURE
10
3
10
4
10
5
10
6
10
7
10
2
10
10
3
10
4
10
5
10
2
10
Frequency (kHz)
-30
-20
-10
0
-55 -35 -15
5
25
45
65
85 105 125
Temperature (°C)
50VDC
0VDC
25VDC
16VDC
Urc = 50V
40VDC
30VDC
10
-7
5
2
10
-8
5
2
10
-9
10
-6
5
2
20
40
60
80
100
125
Temperature (°C)
1.5
1
0.9
0.8
0.7
0.6
0.5
0.1
0.2
0.5
1
2
5
10
3
5
2
10
2
5
2
10
5
2
1
5
Frequency (kHz)
-55 -40
0 20
85
125
155
Temperature (°C)
10
3
5
2
10
2
5
2
10
5
2
1
–55 –40
0 20
85
125
155
0.05
0.1
0.2
0.5
1
2
5
Temperature (°C)
General Information X7R (Class 2)
TYPICAL FAILURE RATE VERSUS TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com