Electronic Components Datasheet Search
  English  ▼

X  

E-STLC3085 Datasheet(PDF) 21 Page - STMicroelectronics

Part # E-STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STLC3085 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button E-STLC3085 Datasheet HTML 17Page - STMicroelectronics E-STLC3085 Datasheet HTML 18Page - STMicroelectronics E-STLC3085 Datasheet HTML 19Page - STMicroelectronics E-STLC3085 Datasheet HTML 20Page - STMicroelectronics E-STLC3085 Datasheet HTML 21Page - STMicroelectronics E-STLC3085 Datasheet HTML 22Page - STMicroelectronics E-STLC3085 Datasheet HTML 23Page - STMicroelectronics E-STLC3085 Datasheet HTML 24Page - STMicroelectronics E-STLC3085 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
STLC3085
STLC3085 test circuits
21/28
Appendix A STLC3085 test circuits
Referring to the application diagram shown in Figure 11 and using as external components the
Typ. Values specified in the "External Components" Table 10 find below the proper
configuration for each measurement.
All measurements requiring DC current termination should be performed using "Wandel &
Goltermann DC Loop Holding Circuit GH-1" or equivalent.
Figure 9.
2W Return Loss
2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs)
Figure 10. THL Trans Hybrid Loss
THL = 20Log|Vrx/Vtx|
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
Zref
E
Vs
1Kohm
1Kohm
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
100 F
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
Vrx
Vtx
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com