Electronic Components Datasheet Search
  English  ▼

X  

E-STLC3085 Datasheet(PDF) 22 Page - STMicroelectronics

Part # E-STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STLC3085 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button E-STLC3085 Datasheet HTML 18Page - STMicroelectronics E-STLC3085 Datasheet HTML 19Page - STMicroelectronics E-STLC3085 Datasheet HTML 20Page - STMicroelectronics E-STLC3085 Datasheet HTML 21Page - STMicroelectronics E-STLC3085 Datasheet HTML 22Page - STMicroelectronics E-STLC3085 Datasheet HTML 23Page - STMicroelectronics E-STLC3085 Datasheet HTML 24Page - STMicroelectronics E-STLC3085 Datasheet HTML 25Page - STMicroelectronics E-STLC3085 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
STLC3085 test circuits
STLC3085
22/28
Figure 11. G24 Transmit Gain
G24 = 20Log|2Vtx/E|
Figure 12. G42 Receive Gain
G42 = 20Log|VI/Vrx|
Figure 13. PSRRC Power supply rejection Vpos to 2W port
PSSRC = 20Log|Vn/Vl|
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
E
Vtx
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
Vrx
Vl
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
Vl
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
Vn
VPOS
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com