Electronic Components Datasheet Search
  English  ▼

X  

E-STLC3085 Datasheet(PDF) 23 Page - STMicroelectronics

Part # E-STLC3085
Description  Integrated Pots Interface for Home Access Gateway and WLL
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STLC3085 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button E-STLC3085 Datasheet HTML 19Page - STMicroelectronics E-STLC3085 Datasheet HTML 20Page - STMicroelectronics E-STLC3085 Datasheet HTML 21Page - STMicroelectronics E-STLC3085 Datasheet HTML 22Page - STMicroelectronics E-STLC3085 Datasheet HTML 23Page - STMicroelectronics E-STLC3085 Datasheet HTML 24Page - STMicroelectronics E-STLC3085 Datasheet HTML 25Page - STMicroelectronics E-STLC3085 Datasheet HTML 26Page - STMicroelectronics E-STLC3085 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
STLC3085
STLC3085 test circuits
23/28
Figure 14. L/T Longitudinal to Transversal Conversion
L/T = 20Log|Vcm/Vl|
Figure 15. T/L Transversal to Longitudinal Conversion
T/L = 20Log|Vrx/Vcm|
Figure 16. V2Wp and W4Wp: Idle channel psophometric noise at line and TX.
V2Wp = 20Log|Vl/0.774l|; V4Wp = 20Log|Vtx/0.774l|
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
Vcm
Vl
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
300ohm
100 F
300ohm
100 F
Impedance matching
better than 0.1%
600ohm
TIP
RING
RX
TX
STLC3085
application
circuit
Vcm
W&G GH1
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
300ohm
100 F
300ohm
100 F
Impedance matching
better than 0.1%
Vrx
TIP
RING
RX
TX
STLC3085
application
circuit
W&G GH1
Vl
psophometric
filtered
100 F
100 F
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
Vtx
psophometric
filtered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com