Electronic Components Datasheet Search
  English  ▼

X  

BFC520 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFC520
Description  NPN wideband cascode transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFC520 Datasheet(HTML) 5 Page - NXP Semiconductors

  BFC520 Datasheet HTML 1Page - NXP Semiconductors BFC520 Datasheet HTML 2Page - NXP Semiconductors BFC520 Datasheet HTML 3Page - NXP Semiconductors BFC520 Datasheet HTML 4Page - NXP Semiconductors BFC520 Datasheet HTML 5Page - NXP Semiconductors BFC520 Datasheet HTML 6Page - NXP Semiconductors BFC520 Datasheet HTML 7Page - NXP Semiconductors BFC520 Datasheet HTML 8Page - NXP Semiconductors BFC520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1997 Sep 10
5
Philips Semiconductors
Product specification
NPN wideband cascode transistor
BFC520
Fig.2
Power derating as a function of soldering
point temperature; typical values.
handbook, halfpage
0
50
100
200
1
0
MBG228
150
1.5
0.5
Ptot
(mW)
Ts (
oC)
double loaded
single loaded
Fig.3
Transition frequency as a function of
collector current; typical values.
f = 1 GHz; Tamb =25 °C.
handbook, halfpage
MBG219
12
4
8
0
110
fT
(GHz)
IC (mA)
102
VC2-E1 = 12 V
9 V
6 V
3 V
Fig.4
Minimum noise figure as a function of
frequency; typical values.
VC2-E1 =3V.
handbook, halfpage
4
2
1
0
3
MGG219
10−1
f (GHz)
F
(dB)
110
IC = 2 mA
10 mA
Fig.5
Minimum noise figure as a function of
collector current; typical values.
VC2-E1 =3V.
handbook, halfpage
2
1
0
3
MGG220
1102
IC (mA)
F
(dB)
10
f = 900 MHz
500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com