Electronic Components Datasheet Search
  English  ▼

X  

BFC520 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BFC520
Description  NPN wideband cascode transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFC520 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BFC520 Datasheet HTML 2Page - NXP Semiconductors BFC520 Datasheet HTML 3Page - NXP Semiconductors BFC520 Datasheet HTML 4Page - NXP Semiconductors BFC520 Datasheet HTML 5Page - NXP Semiconductors BFC520 Datasheet HTML 6Page - NXP Semiconductors BFC520 Datasheet HTML 7Page - NXP Semiconductors BFC520 Datasheet HTML 8Page - NXP Semiconductors BFC520 Datasheet HTML 9Page - NXP Semiconductors BFC520 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Sep 10
6
Philips Semiconductors
Product specification
NPN wideband cascode transistor
BFC520
Fig.6
Maximum stable gain as a function of
frequency; typical values.
VC2-E1 =3V.
handbook, halfpage
60
0
40
20
MGG221
10−2
10−1
f (GHz)
MSG
(dB)
120
0
80
40
S21/S12
(dB)
110
IC =
5 mA
2 mA
1 mA
Fig.7
Maximum stable gain and isolation as
functions of collector current; typical values.
VC2-E1 =3V.
handbook, halfpage
50
10
30
40
20
MGG222
10−1
IC (mA)
MSG
(dB)
100
20
60
80
40
S21/S12
(dB)
110
102
f = 500 MHz
900 MHz
2 GHz
Fig.8
Insertion gain as a function of collector
current; typical values.
VC2-E1 = 3 V; RS =50 Ω; XS =XL = opt; f = 900 MHz.
handbook, halfpage
30
0
MGG223
10−1
10
20
IC (mA)
S21
(dB)
110
102
RL = 220 Ω
50
Ω
Fig.9
Third order intercept point as a function of
collector current; typical values.
Point tuned for maximum gain with double slug tuners.
VC2-E1 = 3 V; f = 900 MHz.
handbook, halfpage
10
−30
0
MGG224
10−1
−20
−10
IC (mA)
IP3
(dBm)
110
102
output
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com