Electronic Components Datasheet Search
  English  ▼

X  

SP3080E Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3080E
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080E Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3080E Datasheet HTML 5Page - Sipex Corporation SP3080E Datasheet HTML 6Page - Sipex Corporation SP3080E Datasheet HTML 7Page - Sipex Corporation SP3080E Datasheet HTML 8Page - Sipex Corporation SP3080E Datasheet HTML 9Page - Sipex Corporation SP3080E Datasheet HTML 10Page - Sipex Corporation SP3080E Datasheet HTML 11Page - Sipex Corporation SP3080E Datasheet HTML 12Page - Sipex Corporation SP3080E Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Rev N 9/15/2006
SP3080E Advanced RS485 Transceiver
© Copyright 2006 Sipex Corporation
0
1
2
3
4
5
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
Differential Input Voltage (mV)
Receiver Output Voltage (V)
V
CC=5V
T
A=25ºC
0
10
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Skew (ns)
RL
L=50pF
TYPICAL PERFORMANCE CHARACTERISTICS
-120
-100
-80
-60
-40
-20
0
-2
-1
0
1
2
3
4
5
6
Output High Voltage (V)
Output Current (mA)
Output Current vs Driver Output Low
Voltage
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Output Low Voltage (V)
Output Current (mA)
Output Current vs Driver Output High
Voltage
Receiver Output Voltage vs Differential
Input Voltage
Driver Differential Skew vs Temperature
R
L=54Ω CL=50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com