Electronic Components Datasheet Search
  English  ▼

X  

SP3080E Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3080E
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080E Datasheet(HTML) 3 Page - Sipex Corporation

  SP3080E Datasheet HTML 1Page - Sipex Corporation SP3080E Datasheet HTML 2Page - Sipex Corporation SP3080E Datasheet HTML 3Page - Sipex Corporation SP3080E Datasheet HTML 4Page - Sipex Corporation SP3080E Datasheet HTML 5Page - Sipex Corporation SP3080E Datasheet HTML 6Page - Sipex Corporation SP3080E Datasheet HTML 7Page - Sipex Corporation SP3080E Datasheet HTML 8Page - Sipex Corporation SP3080E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Rev N 9/15/2006
SP3080E Advanced RS485 Transceiver
© Copyright 2006 Sipex Corporation
PIN ASSIGNMENTS
Pin Number
Pin Name
Pin Function
2
RO
Receiver Output. When RE is low and if (A – B) ≥ -40mV, RO is high. If (A – B) ≤ -
200mV, RO is low.
3
RE
Receiver Output Enable. When RE is low, RO is enabled. When RE is high, RO is high
impedance. Drive RE high and DE low to enter shutdown mode. RE is a hot-swap
input.
4
DE
Driver Output Enable. When DE is high, outputs are enabled. When DE is low, outputs
are high impedance. Drive DE low and RE high to enter shutdown mode. DE is a hot-
swap input.
5
DI
Driver Input. With DE high, a low level on DI forces non-inverting output low and
inverting output high. A high level on DI forces non-inverting output high and inverting
output low.
6, 7
GND
Ground
9
Y
Non-inverting Driver Output
10
Z
Inverting Driver Output
11
B
Inverting Receiver Input
12
A
Non-inverting Receiver Input
14
VCC
Positive Supply VCC. Bypass to GND with a 0.1uF capacitor.
1, 8, 13
NC
No Connect, not internally connected
Note: On the 14-pin package connect both pins 6 and 7 to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com