Electronic Components Datasheet Search
  English  ▼

X  

SP3080E Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3080E
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080E Datasheet(HTML) 1 Page - Sipex Corporation

  SP3080E Datasheet HTML 1Page - Sipex Corporation SP3080E Datasheet HTML 2Page - Sipex Corporation SP3080E Datasheet HTML 3Page - Sipex Corporation SP3080E Datasheet HTML 4Page - Sipex Corporation SP3080E Datasheet HTML 5Page - Sipex Corporation SP3080E Datasheet HTML 6Page - Sipex Corporation SP3080E Datasheet HTML 7Page - Sipex Corporation SP3080E Datasheet HTML 8Page - Sipex Corporation SP3080E Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
Rev N 9/15/2006
SP3080E Advanced RS485 Transceiver
© Copyright 2006 Sipex Corporation
DESCRIPTION
FEATURES
APPLICATIONS
SP3080E
Advanced-Failsafe RS-485/RS-422 Transceiver
1/8th Unit Load, Slew-Limited, ±15kV ESD-Protected
• 5.0V single supply operation
• Receiver failsafe on open, short or terminated lines
• 1/8th Unit Load, 256 transceivers on bus
• Robust ESD protection for RS-485 pins
o ±15kV Air-Gap Discharge
o ±15kV Human Body Model
o ±8kV Contact Discharge
• Controlled driver slew rates
o 115kbps, Low EMI
•Hot Swap glitch protection on control inputs
•Driver short circuit current limit and
thermal shutdown for overload protection
•Ultra-low 300µA quiescent current
•650nA shutdown mode
•Industry standard package footprints
• Motor Control
• Building Automation
• Security Systems
• Remote Meter Reading
• Long or un-terminated transmission lines
The SP3080E is designed for reliable, bidirectional communication on multipoint bus transmission
lines. The device contains one differential driver and one differential receiver. The SP3080E is a
full-duplex device. All devices comply with TIA/EIA-485 and TIA/EIA-422 standards. Lead-free and
RoHS compliant packages are available for all models.
This device is ruggedized for use in harsh operating conditions over the entire common-mode volt-
age range from -7V to +12V. The receiver is a specially designed to fail-safe to a logic high output
state if the inputs are left un-driven or shorted. All RS-485 bus-pins are protected against severe ESD
events up to ±15kV (Air-Gap and Human Body Model) and up to ±8kV Contact Discharge (IEC 1000-4-
2). The driver is protected from excess current flow caused by bus contention or output short-circuits
by both an internal current limit and a thermal-overload shutdown. The device is rated for industrial
(-40 to +85ºC) or extended (-40 to +125ºC) operating temperatures. The receiver has exceptionally
high input impedance, which places only 1/8th the standard load on a shared bus. Up to 256 trans-
ceivers may coexist while preserving full signal margin.
The device operates from a single 5.0V power supply and draws negligible quiescent power. The
SP3080E may independently enable and disable its driver and receiver and enter a low power shut-
down mode if both driver and receiver are disabled. The output maintains high impedance in shut-
down or when powered-off.
14 PIN NSOIC
SP3080E
Full Duplex
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC
RO
RE
DE
DI
GND
GND
Vcc
NC
A
B
Z
Y
NC
Solved by
TM


Similar Part No. - SP3080E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080E EXAR-SP3080E Datasheet
177Kb / 6P
ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3080EEN SIPEX-SP3080EEN Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3080E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
STMicroelectronics
8339 STMICROELECTRONICS-8339 Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
logo
Sipex Corporation
SP3080E-3088E SIPEX-SP3080E-3088E Datasheet
756Kb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
STMicroelectronics
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 27, 2006
logo
STMicroelectronics
ST485ER STMICROELECTRONICS-ST485ER_06 Datasheet
278Kb / 19P
짹15KV ESD protected, Low power RS-485/RS-422 transceiver
25-Oct-2006
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com