Electronic Components Datasheet Search
  English  ▼

X  

AT1393AF Datasheet(PDF) 13 Page - Aimtron Technology

Part # AT1393AF
Description  6-Channel DC-DC Converter IC for DSC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1393AF Datasheet(HTML) 13 Page - Aimtron Technology

Back Button AT1393AF Datasheet HTML 9Page - Aimtron Technology AT1393AF Datasheet HTML 10Page - Aimtron Technology AT1393AF Datasheet HTML 11Page - Aimtron Technology AT1393AF Datasheet HTML 12Page - Aimtron Technology AT1393AF Datasheet HTML 13Page - Aimtron Technology AT1393AF Datasheet HTML 14Page - Aimtron Technology AT1393AF Datasheet HTML 15Page - Aimtron Technology AT1393AF Datasheet HTML 16Page - Aimtron Technology AT1393AF Datasheet HTML 17Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AT1393/A/B/C
Preliminary Product Information
6-Channel DC-DC Converter IC for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
13
*
Output block
A totem pole configuration is designed for the output block and can drive external
MOSFET or transistor.
2. Channel Control
The channels are turned on and turned off according to the voltage levels at the
CTL, CTL12, CTL3, CTL4, and CTL5 as described in the following table.
Voltage level at control (CTL) pin
Channel on/off status
CTL CTL1,2 CTL3 CTL4 CTL5
CH6
CH1,2
CH3
CH4
CH5
L
X
X
X
X
OFF (standby state)
LOFF
L
H
OFF
ON
LOFF
L
H
H
OFF
ON
ON
LOFF
L
H
OFF
ON
LOFF
L
H
H
H
OFF
ON
ON
ON
LOFF
L
H
OFF
ON
LOFF
L
H
H
OFF
ON
ON
LOFF
L
H
OFF
ON
LOFF
H
H
H
H
H
ON
ON
ON
ON
ON
X : Don’t care
3. Protective Functions
*
Short circuit protection and timer latch
The comparator for short circuit detection in each channel detects the output
voltage level of the power converter.
When the output voltage falls below the
short detection level, there will be a constant bias current charging the external
capacitor C
SCP that is connected to the CSCP pin until the capacitor voltage level
reaches about 0.7V and the output transistor turned off consequently.
The
actuated protection can be reset by restarting the power source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com