Electronic Components Datasheet Search
  English  ▼

X  

AT1393AF Datasheet(PDF) 21 Page - Aimtron Technology

Part # AT1393AF
Description  6-Channel DC-DC Converter IC for DSC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1393AF Datasheet(HTML) 21 Page - Aimtron Technology

Back Button AT1393AF Datasheet HTML 14Page - Aimtron Technology AT1393AF Datasheet HTML 15Page - Aimtron Technology AT1393AF Datasheet HTML 16Page - Aimtron Technology AT1393AF Datasheet HTML 17Page - Aimtron Technology AT1393AF Datasheet HTML 18Page - Aimtron Technology AT1393AF Datasheet HTML 19Page - Aimtron Technology AT1393AF Datasheet HTML 20Page - Aimtron Technology AT1393AF Datasheet HTML 21Page - Aimtron Technology AT1393AF Datasheet HTML 22Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AT1393/A/B/C
Preliminary Product Information
6-Channel DC-DC Converter IC for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
21
Setting the Dead Time Control Level
When using step up or Zeta or flyback DC/DC converter, it must prevent that
output transistor works at full-ON state (ON duty = 100%). To prevent this
situation, set the maximum duty of these channels. The dead time control circuit
is implemented as below. When the voltage at the DTC1 pin is higher than the
triangular wave voltage (CT1), the output transistor is turned on. The maximum
duty calculation formula assuming that triangular wave amplitude = 0.7V and
triangular wave minimum voltage = 1.1V.
Note 1 : The circuit is suitable at CH1 to CH5.
Note 2 : Shorting DTC and VREF to disable dead time control function.
Using CH4 Inv Amp.
When not using the CH4 INV Amp., connect the INA4 and OUTA4 each other.
(
)
[
]
%
100
7
.
0
/
1
.
1
×
−
=
d
V
Duty



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com