Electronic Components Datasheet Search
  English  ▼

X  

AT1393AF Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1393AF
Description  6-Channel DC-DC Converter IC for DSC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1393AF Datasheet(HTML) 2 Page - Aimtron Technology

  AT1393AF Datasheet HTML 1Page - Aimtron Technology AT1393AF Datasheet HTML 2Page - Aimtron Technology AT1393AF Datasheet HTML 3Page - Aimtron Technology AT1393AF Datasheet HTML 4Page - Aimtron Technology AT1393AF Datasheet HTML 5Page - Aimtron Technology AT1393AF Datasheet HTML 6Page - Aimtron Technology AT1393AF Datasheet HTML 7Page - Aimtron Technology AT1393AF Datasheet HTML 8Page - Aimtron Technology AT1393AF Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AT1393/A/B/C
Preliminary Product Information
6-Channel DC-DC Converter IC for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Description
Pin No.
Pin name Function
1SWOUT
Output Switch Control Circuit Output
2
SWIN
Output Switch Control Circuit Input
3
FB6
CH6 Error Amplifier Output
4
IN6
CH6 Error Amplifier Inverted Input
5
CIN6
CH6 Soft Start Setting
6
DTC5
CH5 Dead Time Control
7
FB5
CH5 Error Amplifier Output
8
IN5
CH5 Error Amplifier Inverted Input
9
INA4
CH4 Inverting Amplifier Input
10
OUTA4
CH4 Inverting Amplifier Output
11
FB4
CH4 Error Amplifier Output
12
IN4
CH4 Error Amplifier Inverted Input
13
INS4
CH4 Short Detection Comparator Inverter Input
14
DTC4
CH4 Dead Time Control
15
CS
CH1 to CH5 Soft Start Setting
16
VREF
Reference 2.5V Output
17
AGND
Ground
18
CSCP
Timer Latch Shout-Circuit Detection Input
19
VCC
Power Supply
20
CTL
CH6 Power Supply Control Input
21
CTL1_ 2
CH1 and CH2 ON/OFF Control Input
22
CTL3
CH3 ON/OFF Control Input
23
CTL4
CH4 ON/OFF Control Input
24
CTL5
CH5 ON/OFF Control Input
25
RT
Oscillation Frequency Setting Resistor
26
CT
Oscillation Frequency Setting Capacitor
27
VB
Triangular Wave Oscillator Regulator Output
28
IN3
CH3 Error Amplifier Inverted Input
29
FB3
CH3 Error Amplifier Output
30
DTC3
CH3 Dead Time Control
31
IN2
CH2 Error Amplifier Inverted Input
32
FB2
CH2 Error Amplifier Output
33
DTC2
CH2 Dead Time Control
34
IN1
CH1 Error Amplifier Inverted Input
35
FB1
CH1 Error Amplifier Output
36
DTC1
CH1 Dead Time Control
37
OUT1-1
CH1 Main Side Output(P-CH MOSFET)
38
OUT1-2
CH1 Synchronous Rectifier Side Output
39
OUT2-1
CH2 Main Side Output
40
OUT2-2
CH2 Synchronous Rectifier Side Output
41
OUT3
CH3 Output(N-CH MOSFET)
42
PVCC
Output Circuit Power Supply
43
OUT4
CH4 Output
AT1393/C:Drive N-CH MOSFET for boost converter
AT1393A/B:Drive P-CH MOSFET for inverting
44
PGND
Output Circuit Ground
45
OUT5-1
CH5 Main Side Output(N_CH MOSFET)
46
OUT5-2
CH5 Synchronous Rectifier Side Output
47
OUT6
CH6 Output
48
RB
Output Current Setting Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com