Electronic Components Datasheet Search
  English  ▼

X  

1920 Datasheet(PDF) 2 Page - IET Labs Inc.

Part # 1920
Description  Precision LCR Meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

1920 Datasheet(HTML) 2 Page - IET Labs Inc.

  1920 Datasheet HTML 1Page - IET Labs Inc. 1920 Datasheet HTML 2Page - IET Labs Inc. 1920 Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
1900 Series
Page 2 of 3
1900 Series Datasheet June 2022
Precision LCR Meters
SPECIFICATIONS
Measurement Speed:
Speed
Accuracy Setting
40 meas/sec
Low, No Display
25 meas/sec
Low
10 meas/sec
Medium
1 meas/sec
High
The speed is slower at lower frequency settings and may be
affected by test conditions
DC measurements take 2x as long as AC measurements
Ranging:
Automatic, Range Hold or user-selectable
Test Frequency:
Range: 20 Hz to 1 MHz
Resolution from 20 Hz to 1 kHz: 1 Hz
Resolution from >1 kHz: 4 digits
Accuracy: ±(0.02% + 0.02 Hz)
Trigger:
Internal (automatic)
External (via RS-232, IEEE-488.2, or
Handler)
Manual
Source Impedance:
5 Ω, 25 Ω, 50 Ω, or 100 Ω
AC Test Signal:
20 mV to 1.0 V (open circuit) in 5 mV steps
DC Test Signal:
20 mV to 1.0 V (open circuit) in 5 mV steps,
5 Ω source impedance
DC Bias Current: (1910 only)
Internal: 0 to 1 Amp in 1 mA steps
DC Bias Voltage: (1920 only)
Internal: 0 to 2.0 V in 1 mV steps
Power:
100 to 240 Vac
50 - 60 Hz
100 W max
Formats for Results:
Engineering or scientific format
Deviation from nominal of primary parameter
%Deviation from nominal of primary
parameter
Pass/Fail
No display mode for maximum throughput
Sequencing:
Displays up to 6 sequential test results,
primary and/or secondary
Display:
LCD Display with backlight
Pass/Fail and Status indicators
Standard Interfaces:
IEEE-488, RS-232, Handler I/O
Measurement Delay:
Programmable from 0 to 1000 ms in 1 ms
steps
Averaging:
1 to 1000, programmable
Median Value:
Averaged over the last three measurements
Setup Storage:
30 Single Tests
10 Sequential (6 tests in each)
Self-Test:
Verifies critical instrument operation at
power-up or when selected from a menu
Other Features:
Constant-voltage mode
Cable compensation (1 m, 2 m, no cable)
Open/Short zeroing
Distortion check
Test Terminals:
Four bnc connection terminals are located
on the front panel
Optional test fixture available
Mechanical:
Dimensions: 43.2 W x 13.3 H x 40.6 D cm
(17" x 5.25" x 16")
Weight: 8 kg (17.6 lbs)
Environmental Conditions:
Operating temperature: 0 to 50°C, <75% RH
Storage temperature: -40 to 71°C
Altitude: < 2000 m
Measure Parameters:
Parameter
Measurement Range
Basic Accuracy
Low
Medium
High
Ls, Lp
0.001 nH to 99.999 kH
±0.5%
±-0.25%
±0.1%
Cs, Cp
1 pF to 9.9999 F
±0.5%
±-0.25%
±0.1%
|Z|, Rs, Rp, Xs, ESR
0.0001 mW to 99.999 MW
±0.5%
±0.25%
±0.1%
Y, Gp, Bp
10 nS to 9999.9 S
±0.5%
±-0.25%
±0.1%
D
0.00001 to 99.999
±0.005
±0.0025
±0.001
Q
0.00001 to 99.999
±0.005
±0.0025
±0.001
Θ
-180.00 to 179.99°
±1.8°
±0.9°
±0.18°
DCR
0.1 mW to 100 kW
±0.5%
±0.25%
±0.2%
DUT AV Voltage
20 mV to 1.0 V
±(2% + 5 mV) @1kHz
DUT AC Current
1 µA to 150 mA
±(2% + 5 µA) @1kHz
DUT DC Voltage
20 mV to 1.0 V
±(2% + 5 mV)
DUT DC Current
1 µA to 150 mA
±(2% + 5 µA)
For more detailed accuracy information, see instruction manual



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com