Electronic Components Datasheet Search
  English  ▼

X  

1920 Datasheet(PDF) 3 Page - IET Labs Inc.

Part # 1920
Description  Precision LCR Meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

1920 Datasheet(HTML) 3 Page - IET Labs Inc.

  1920 Datasheet HTML 1Page - IET Labs Inc. 1920 Datasheet HTML 2Page - IET Labs Inc. 1920 Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
1900 Series
Page 3 of 3
1900 Series Datasheet June 2022
Precision LCR Meters
ORDERING INFORMATION
Remote Test Fixture
1689-9600
OPTIONAL ACCESSORIES:
SMD Test Fixture
7000-07
Kelvin Test Leads
1700-03
Chip Component Tweezers
7000-05
Alligator Clip Leads 7000-04
bnc-bnc Extender Cable, 1 m
1689-9602
bnc-bnc Extender Cable, 2 m
1689-9602-2
Calibration Kit
950038
Also available:
Rack Mount Kit
2000-16
RS232-to-USB Adapter
630250
1910 Model Standard Set:
Inductance analyzer
AC Power Cord
Instruction Manual
Calibration Certificate traceable to SI
1920 Model Standard Set:
Precision LCR Meter
AC Power Cord
Instruction Manual
Calibration Certificate traceable to SI



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com