Electronic Components Datasheet Search
  English  ▼

X  

1920 Datasheet(PDF) 1 Page - IET Labs Inc.

Part # 1920
Description  Precision LCR Meters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

1920 Datasheet(HTML) 1 Page - IET Labs Inc.

  1920 Datasheet HTML 1Page - IET Labs Inc. 1920 Datasheet HTML 2Page - IET Labs Inc. 1920 Datasheet HTML 3Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • EMAIL: info@ietlabs.com
1900 Series
Page 1 of 3
1900 Series Datasheet June 2022
Precision LCR Meters
1900 Series Precision LCR Meter
20 Measurement Parameters
The 1900 series can measure and display
any two of its 15 impedance parameters
simultaneously with a basic accuracy
of 0.1%. Additionally, these meters can
measure the DC resistance, or display the
current through or voltage across a test
device ensuring the operator of the real test
conditions.
Wide Frequency Range
The 1900 series offers over 27,000 user-
programmable test frequencies to fully
characterize devices over the range of 20 Hz
to 1 MHz.
The 1900 series consists of high-
performance LCR Meters designed
to perform fast, automated imped-
ance measurements on a variety
of electronic components and ma-
terials. These meters have a basic
accuracy specification of 0.1% for
accurate test results over a wide
frequency range, from 20 Hz to
1 MHz. Besides their 15 impedance
parameters, the 1900 meters are
also capable of measuring dc resis-
tance as well as monitoring the volt-
age or current in the device under
test. The units incorporate a distinc-
tive sequence test mode, allowing
up to 6 uniquely different tests to be
performed quickly on a single start
command. Additionally, these me-
ters include IEEE-488, RS-232, and
handler interfaces, all standard.
Features:
• 20 measurement parameters
• Frequency range: 20 Hz to 1 MHz
• Basic measurement accuracy: 0.1%
• Measurement speeds up to 40/sec
• Displays voltage and current
measurements
• Wide measurement range with 5-digit
measurement resolution
• Four-terminal kelvin connections to
maintain measurement integrity
• Programmable dc bias voltage, 0-2V
• Constant voltage (voltage leveling)
• Automatic test sequencing: up to 6
individual tests in one pass
• Menu-driven interface for user-friendly
operation
• Autoranging measurements or
manual hold
• Averaging measurements: up to 1000
• Interfaces: IEEE-488.2, RS-232, and
Handler
• Open/Short zeroing and cable-
compensation
• 14 Pass/Fail bins
• Load correction
Automated Test Sequencing
For increased productivity and throughput,
up to six different tests in sequence can
be performed with a single push of the
start button. Each test can have different
measurement parameters, test conditions,
and limits.
Programmable Source Impedance
Measurement results can vary substantially
based solely on the source impedance
of the test instrument being used. To
compare measurements made on other test
instruments, the 1900 series can have its
source impedance set at 5, 25, 50 or 100 Ω.
1910 Model
The 1910 Inductance Analyzer adds
bias current capability from 1mA to 1A.
The addition of bias current makes the
1910 ideal for measuring inductance of
power inductors under actual operating
conditions.
1920 Model
The 1920 Precision LCR Meter adds bias
voltage capability from 1mV to 2V. The
bias voltage feature is used for testing
capacitors or providing reverse bias for
testing junction capacitance of diodes and
similar components.
1900 Rear Connectors


Similar Part No. - 1920

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1920 ETC2-1920 Datasheet
297Kb / 1P
SPACERS , STANDOFFS
logo
Keystone Electronics Co...
1920 KEYSTONE-1920 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
List of Unclassifed Man...
1920.1 ETC2-1920.1 Datasheet
1Mb / 16P
Drywall Punch
logo
Clare, Inc.
19200-00 CLARE-19200-00 Datasheet
189Kb / 7P
Single Driver for GaAs FET Switches and Attenuators
logo
Chicago Miniature Lamp,...
19200000 CML-19200000 Datasheet
265Kb / 1P
LED Indicator 8mm Infrared LED with Optic
More results

Similar Description - 1920

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
E4980A HP-E4980A Datasheet
602Kb / 36P
Precision LCR Meter
logo
Keysight Technologies
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
Precision LCR Meter
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
Precision LCR Meter
March 2017
7660 IET-7660 Datasheet
527Kb / 3P
Precision LCR Meter
February 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com