Electronic Components Datasheet Search
  English  ▼

X  

BFG505/X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG505/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG505/X Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG505/X Datasheet HTML 1Page - NXP Semiconductors BFG505/X Datasheet HTML 2Page - NXP Semiconductors BFG505/X Datasheet HTML 3Page - NXP Semiconductors BFG505/X Datasheet HTML 4Page - NXP Semiconductors BFG505/X Datasheet HTML 5Page - NXP Semiconductors BFG505/X Datasheet HTML 6Page - NXP Semiconductors BFG505/X Datasheet HTML 7Page - NXP Semiconductors BFG505/X Datasheet HTML 8Page - NXP Semiconductors BFG505/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1998 Oct 02
4
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG505; BFG505/X
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
Notes
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
2. VCE = 6 V; IC = 5 mA; RL =50 Ω; Tamb =25 °C;
fp = 900 MHz; fq = 902 MHz;
measured at 2fp − fq = 898 MHz and 2fq − fp = 904 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
VCB =6V; IE =0
−−
50
nA
hFE
DC current gain
IC = 5 mA; VCE = 6 V; see Fig.3
60
120
250
Ce
emitter capacitance
IC =ic =0 VEB = 0.5 V; f = 1 MHz
−
0.4
−
pF
Cc
collector capacitance
VCB =6V; IE =ie = 0; f = 1 MHz
−
0.3
−
pF
Cre
feedback capacitance
IC = 0; VCB = 6 V; f = 1 MHz; see Fig.4
−
0.2
−
pF
fT
transition frequency
IC = 5 mA; VCE = 6 V; f = 1 GHz;
see Fig.5
−
9
−
GHz
GUM
maximum unilateral
power gain; note 1
IC = 5 mA; VCE =6V;
Tamb =25 °C; f = 900 MHz
−
20
−
dB
Ic = 5 mA; VCE =6V;
Tamb =25 °C; f = 2 GHz
−
13
−
dB
S
21
2
insertion power gain
Ic = 5 mA; VCE =6V;
Tamb =25 °C; f = 900 MHz
16
17
−
dB
F
noise figure
Γ
s = Γopt; IC = 1.25 mA; VCE =6V;
Tamb =25 °C; f = 900 MHz
−
1.2
1.7
dB
Γs = Γopt; IC = 5 mA; VCE =6V;
Tamb =25 °C; f = 900 MHz
−
1.6
2.1
dB
Γ
s = Γopt; IC = 1.25 mA; VCE =6V;
Tamb =25 °C; f = 2 GHz
−
1.9
−
dB
PL1
output power at 1 dB gain
compression
IC = 5 mA; VCE =6V; RL =50 Ω;
Tamb =25 °C; f = 900 MHz
−
4
−
dBm
ITO
third order intercept point
note 2
−
10
−
dBm
G
UM
10
S
21
2
1S
11
2
–
() 1S
22
2
–
()
--------------------------------------------------------------
dB.
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com