Electronic Components Datasheet Search
  English  ▼

X  

BFG505/X Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG505/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG505/X Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG505/X Datasheet HTML 1Page - NXP Semiconductors BFG505/X Datasheet HTML 2Page - NXP Semiconductors BFG505/X Datasheet HTML 3Page - NXP Semiconductors BFG505/X Datasheet HTML 4Page - NXP Semiconductors BFG505/X Datasheet HTML 5Page - NXP Semiconductors BFG505/X Datasheet HTML 6Page - NXP Semiconductors BFG505/X Datasheet HTML 7Page - NXP Semiconductors BFG505/X Datasheet HTML 8Page - NXP Semiconductors BFG505/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Oct 02
5
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG505; BFG505/X
Fig.3
DC current gain as a function of collector
current.
VCE =6V.
handbook, halfpage
0
250
50
100
150
hFE
200
MRA639
10−3
10−2
10−1
110
IC (mA)
102
Fig.4
Feedback capacitance as a function of
collector-base voltage.
IC = 0; f = 1 MHz.
handbook, halfpage
02
10
0.4
0.3
0.1
0
0.2
Cre
(pF)
46
8
VCB (V)
MRA640
Fig.5
Transition frequency as a function of
collector current.
Tamb =25 °C; f = 1 GHz.
handbook, halfpage
12
0
4
8
fT
(GHz)
IC (mA)
MRA641
10−1
110
102
VCE = 6 V
VCE = 3 V
Fig.6 Gain as a function of collector current.
handbook, halfpage
04
IC (mA)
812
25
0
20
MSG
GUM
15
gain
(dB)
10
5
MRA642
VCE = 6 V; f = 900 MHz.
GUM = maximum unilateral power gain;
MSG = maximum stable gain;
Gmax = maximum available gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com