Electronic Components Datasheet Search
  English  ▼

X  

BFG505/X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG505/X
Description  NPN 9 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG505/X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG505/X Datasheet HTML 3Page - NXP Semiconductors BFG505/X Datasheet HTML 4Page - NXP Semiconductors BFG505/X Datasheet HTML 5Page - NXP Semiconductors BFG505/X Datasheet HTML 6Page - NXP Semiconductors BFG505/X Datasheet HTML 7Page - NXP Semiconductors BFG505/X Datasheet HTML 8Page - NXP Semiconductors BFG505/X Datasheet HTML 9Page - NXP Semiconductors BFG505/X Datasheet HTML 10Page - NXP Semiconductors BFG505/X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1998 Oct 02
7
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistors
BFG505; BFG505/X
Fig.11 Minimum noise figure and associated
available gain as functions of frequency.
VCE =6V.
andbook, halfpage
5
0
1
2
5
0
−5
10
Gass
(dB)
15
20
3
Fmin
(dB)
f (MHz)
4
MRA651
102
104
103
Gass
5 mA
Fmin
5 mA
1.25 mA
IC = 1.25 mA
Fig.12 Noise circle figure.
handbook, full pagewidth
MRA652
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
stability
circle
pot. unst.
region
0.5
1
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
F = 3 dB
F = 2 dB
F = 1.5 dB
2
Fmin = 1. 2 dB
ΓOPT
Zo =50 Ω.
VCE = 6 V; Ic = 1.25 mA; f = 900 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com