Electronic Components Datasheet Search
  English  ▼

X  

BQ2022ALPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2022ALPR
Description  1K-BIT SERIAL EPROM WITH SDQ INTERFACE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2022ALPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button BQ2022ALPR Datasheet HTML 12Page - Texas Instruments BQ2022ALPR Datasheet HTML 13Page - Texas Instruments BQ2022ALPR Datasheet HTML 14Page - Texas Instruments BQ2022ALPR Datasheet HTML 15Page - Texas Instruments BQ2022ALPR Datasheet HTML 16Page - Texas Instruments BQ2022ALPR Datasheet HTML 17Page - Texas Instruments BQ2022ALPR Datasheet HTML 18Page - Texas Instruments BQ2022ALPR Datasheet HTML 19Page - Texas Instruments BQ2022ALPR Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-3 /C 10/01
0.094 (2,40)
0.114 (2,90)
0.460 (11,70)
0.539 (13,70)
TAPE & REEL
0.335 (8,50)
0.384 (9,75)
0.020 (0,50) MIN
0.217 (5,50)
0.748 (19,00)
0.748 (19,00)
0.689 (17,50)
0.098 (2,50)
0.433 (11,00)
0.335 (8,50)
0.610 (15,50)
0.650 (16,50)
1.260 (32,00)
0.905 (23,00)
0.234 (5,95)
0.266 (6,75)
0.512 (13,00)
0.488 (12,40)
0.114 (2,90)
0.094 (2,40)
0.146 (3,70)
0.169 (4,30)
DIA
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Tape and Reel information for the Format Lead Option package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com