Electronic Components Datasheet Search
  English  ▼

X  

BFG591 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFG591
Description  NPN 7 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG591 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFG591 Datasheet HTML 4Page - NXP Semiconductors BFG591 Datasheet HTML 5Page - NXP Semiconductors BFG591 Datasheet HTML 6Page - NXP Semiconductors BFG591 Datasheet HTML 7Page - NXP Semiconductors BFG591 Datasheet HTML 8Page - NXP Semiconductors BFG591 Datasheet HTML 9Page - NXP Semiconductors BFG591 Datasheet HTML 10Page - NXP Semiconductors BFG591 Datasheet HTML 11Page - NXP Semiconductors BFG591 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1995 Sep 04
8
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG591
VCE = 12 V; IC = 70 mA; Zo =50 Ω.
Fig.11 Common emitter input reflection coefficient (s11); typical values.
handbook, full pagewidth
MGC799
0
0 o
0.2
0.6
0.4
0.8
1.0
1.0
45 o
90 o
135 o
180 o
45 o
90 o
135 o
1
0.5
0
0.2
0.5
1
2
5
0.2
0.5
2
40 MHz
3 GHz
0.2
1
5
5
2
VCE = 12 V; IC =70mA.
Fig.12 Common emitter forward transmission coefficient (s21); typical values.
handbook, full pagewidth
MGC800
0 o
90o
135o
180 o
90o
50
40
30
20
10
45 o
135o
45 o
40 MHz
3 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com