Electronic Components Datasheet Search
  English  ▼

X  

BFG591 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG591
Description  NPN 7 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG591 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG591 Datasheet HTML 1Page - NXP Semiconductors BFG591 Datasheet HTML 2Page - NXP Semiconductors BFG591 Datasheet HTML 3Page - NXP Semiconductors BFG591 Datasheet HTML 4Page - NXP Semiconductors BFG591 Datasheet HTML 5Page - NXP Semiconductors BFG591 Datasheet HTML 6Page - NXP Semiconductors BFG591 Datasheet HTML 7Page - NXP Semiconductors BFG591 Datasheet HTML 8Page - NXP Semiconductors BFG591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1995 Sep 04
2
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG591
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability.
APPLICATIONS
Intended for applications in the GHz
range such as MATV or CATV
amplifiers and RF communications
subscriber equipment.
DESCRIPTION
NPN silicon planar epitaxial transistor
in a plastic, 4-pin SOT223 package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
emitter
4
collector
Fig.1 SOT223.
fpage
4
123
MSB002 - 1
Top view
QUICK REFERENCE DATA
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCEO
collector-emitter voltage
open base
−−
15
V
IC
collector current (DC)
−−
200
mA
Ptot
total power dissipation
up to Ts =80 °C; note 1
−−
2W
hFE
DC current gain
IC = 70 mA; VCE = 8 V
60
90
250
Cre
feedback capacitance
IC =Ic = 0; VCE = 12 V; f = 1 MHz
−
0.7
−
pF
fT
transition frequency
IC = 70 mA; VCE =12V; f=1GHz
−
7
−
GHz
GUM
maximum unilateral
power gain
IC = 70 mA; VCE =12V;
f = 900 MHz; Tamb =25 °C
−
13
−
dB
insertion power gain
IC = 70 mA; VCE =12V;
f = 900 MHz; Tamb =25 °C
−
12
−
dB
s
21
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com