Electronic Components Datasheet Search
  English  ▼

X  

BFG591 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG591
Description  NPN 7 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG591 Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG591 Datasheet HTML 1Page - NXP Semiconductors BFG591 Datasheet HTML 2Page - NXP Semiconductors BFG591 Datasheet HTML 3Page - NXP Semiconductors BFG591 Datasheet HTML 4Page - NXP Semiconductors BFG591 Datasheet HTML 5Page - NXP Semiconductors BFG591 Datasheet HTML 6Page - NXP Semiconductors BFG591 Datasheet HTML 7Page - NXP Semiconductors BFG591 Datasheet HTML 8Page - NXP Semiconductors BFG591 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1995 Sep 04
4
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG591
CHARACTERISTICS
Tj =25 °C (unless otherwise specified).
Notes
1. GUM is the maximum unilateral power gain, assuming s12 is zero.
2. dim = 60 dB (DIN45004B);
Vp =Vo; Vq =Vo −6 dB; Vr =Vo −6 dB;
fp = 795.25 MHz; fq = 803.25 MHz; fr = 803.25 MHz; measured at f(p+q-r) = 793.25 MHz.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)CBO
collector-base breakdown voltage
IC = 0.1 mA; IE =0
−−
20
V
V(BR)CES
collector-emitter breakdown voltage
IC = 10 mA; IB =0
−−
15
V
V(BR)EBO
emitter-base breakdown voltage
IE = 0.1 mA; IC =0
−−
3V
ICBO
collector-base leakage current
IE = 0; VCB =10V
−−
100
nA
hFE
DC current gain
IC = 70 mA; VCE = 8 V
6090250
Cre
feedback capacitance
IB =Ib = 0; VCE =12V;
f = 1 MHz
−
0.7
−
pF
fT
transition frequency
IC = 70 mA; VCE =12V;
f = 1 GHz
−
7
−
GHz
GUM
maximum unilateral power gain;
note 1
IC = 70 mA; VCE =12V;
f = 900 MHz; Tamb =25 °C
−
13
−
dB
IC = 70 mA; VCE =12V;
f = 2 GHz; Tamb =25 °C
−
7.5
−
dB
insertion power gain
IC = 70 mA; VCE =12V;
f = 1 GHz; Tamb =25 °C
−
12
−
dB
Vo
output voltage
note 2
−
700
−
mV
s
21
2
G
UM
10
s
21
2
1s
11
2
–
() 1s
22
2
–
()
------------------------------------------------------------ dB.
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com