Electronic Components Datasheet Search
  English  ▼

X  

PTH05T210WAS Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAS
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAS Datasheet(HTML) 7 Page - Texas Instruments

Back Button PTH05T210WAS Datasheet HTML 3Page - Texas Instruments PTH05T210WAS Datasheet HTML 4Page - Texas Instruments PTH05T210WAS Datasheet HTML 5Page - Texas Instruments PTH05T210WAS Datasheet HTML 6Page - Texas Instruments PTH05T210WAS Datasheet HTML 7Page - Texas Instruments PTH05T210WAS Datasheet HTML 8Page - Texas Instruments PTH05T210WAS Datasheet HTML 9Page - Texas Instruments PTH05T210WAS Datasheet HTML 10Page - Texas Instruments PTH05T210WAS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS(1)(2)
CHARACTERISTIC DATA (V
I = 5 V)
IO − Output Current − A
0
95
100
70
75
90
80
5
10
20
25
30
15
85
0.7 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
IO − Output Current − A
0
0
1
2
4
5
3
5
10
20
25
30
15
0.7 V
1.5 V
1.8 V
2.5 V
3.3 V
1.2 V
IO − Output Current − A
0
0
5
10
20
30
40
10
20
25
30
15
0.7 V
1.5 V
1.8 V
3.3 V
1.2 V
IO − Output Current − A
40
30
20
70
60
50
90
80
0
100 LFM
200 LFM
400 LFM
5
10
20
25
30
15
VO=3.3 V
Natural Convection
0 LFM
IO − Output Current − A
40
30
20
70
60
50
90
80
0
5
10
20
25
30
15
100 LFM
200 LFM
400 LFM
VO=1.2 V
Natural Convection
0 LFM
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
AMBIENT TEMPERATURE
AMBIENT TEMPERATURE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
(1)
The electrical characteristic data has been developed from actual products tested at 25
°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 100 mm
× 100 mm double-sided PCB with 2 oz. copper.
Applies to Figure 4 and Figure 5.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com