Electronic Components Datasheet Search
  English  ▼

X  

PTH05T210WAS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAS
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH05T210WAS Datasheet HTML 12Page - Texas Instruments PTH05T210WAS Datasheet HTML 13Page - Texas Instruments PTH05T210WAS Datasheet HTML 14Page - Texas Instruments PTH05T210WAS Datasheet HTML 15Page - Texas Instruments PTH05T210WAS Datasheet HTML 16Page - Texas Instruments PTH05T210WAS Datasheet HTML 17Page - Texas Instruments PTH05T210WAS Datasheet HTML 18Page - Texas Instruments PTH05T210WAS Datasheet HTML 19Page - Texas Instruments PTH05T210WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
www.ti.com
2
6
5
9
3
4
7
8
10
11
14
13
1
Inhibit/
Prog UVLO
GND
GND
TurboTrans
AutoTrack
12
L
O
A
D
GND
GND
TurboTrans
+Sense
VO
−Sense
VOAdj
VI
VI
VO
+Sense
RTT
3.32 kW
CI
1000
µF
(Required)
COTT
1800
µF
(Required)
RSET
1%
0.05 W
PTH05T210W
−Sense
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
Figure 9. Typical TurboTrans Application Schematic
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com