Electronic Components Datasheet Search
  English  ▼

X  

AT49BV160 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49BV160
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV160 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49BV160 Datasheet HTML 9Page - ATMEL Corporation AT49BV160 Datasheet HTML 10Page - ATMEL Corporation AT49BV160 Datasheet HTML 11Page - ATMEL Corporation AT49BV160 Datasheet HTML 12Page - ATMEL Corporation AT49BV160 Datasheet HTML 13Page - ATMEL Corporation AT49BV160 Datasheet HTML 14Page - ATMEL Corporation AT49BV160 Datasheet HTML 15Page - ATMEL Corporation AT49BV160 Datasheet HTML 16Page - ATMEL Corporation AT49BV160 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
AT49BV/LV160(T)/161(T)
1427L–FLASH–02/03
Notes:
1. The DATA FORMAT shown for each bus cycle is as follows; I/O7 - I/O0 (Hex). In word operation I/O15 - I/O8 are Don’t Care.
The ADDRESS FORMAT shown for each bus cycle is as follows: A11 - A0 (Hex). Address A19 through A11 are Don’t Care
in the word mode. Address A19 through A11 and A-1 are Don’t Care in the byte mode.
2. Since A11 is a Don’t Care, AAA can be replaced with 2AA.
3. SA = sector address. Any byte/word address within a sector can be used to designate the sector address (see pages 15 and
16 for details).
4. Once a sector is in the lockdown mode, data in the protected sector cannot be changed unless the chip is reset or power
cycled.
5. Either one of the Product ID Exit commands can be used.
6. If data bit D1 is “0”, block B is locked. If data bit D1 is “1”, block B can be reprogrammed.
7. The default state (after power-up) of the configuration register is “00”.
Command Definition in Hex
(1)
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
D
OUT
Chip Erase
6
555
AA
AAA
(2)
55
555
80
555
AA
AAA
55
555
10
Sector Erase
6
555
AA
AAA
55
555
80
555
AA
AAA
55
SA(3)(4)
30
Byte/Word Program
4
555
AA
AAA
55
555
A0
Addr
D
IN
Enter Single Pulse
Program Mode
6
555
AA
AAA
55
555
80
555
AA
AAA
55
555
A0
Single Pulse
Byte/Word Program
1
Addr
D
IN
Sector Lockdown
6
555
AA
AAA
55
555
80
555
AA
AAA
55
SA
(3)(4)
60
Erase/Program
Suspend
1
XXX
B0
Erase/Program
Resume
1XXX
30
Product ID Entry
3
555
AA
AAA
55
555
90
Product ID Exit
(5)
3
555
AA
AAA
55
555
F0
Product ID Exit
(5)
1XXX
F0
Program Protection
Register
4
555
AA
AAA
55
555
C0
Addr
D
IN
Lock Protection
Register - Block B
4
555
AA
AAA
55
555
C0
080
X0
Status of Block B
Protection
4
555
AA
AAA
55
555
90
80
D
OUT
(6)
Set Configuration
Register
4
555
AA
AAA
55
555
D0
XXX
00/01
(7)
Absolute Maximum Ratings*
Temperature under Bias ................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages
(including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on OE and V
PP
with Respect to Ground ...................................-0.6V to +13.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com