Electronic Components Datasheet Search
  English  ▼

X  

AT49BV160 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT49BV160
Description  16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV160 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT49BV160 Datasheet HTML 21Page - ATMEL Corporation AT49BV160 Datasheet HTML 22Page - ATMEL Corporation AT49BV160 Datasheet HTML 23Page - ATMEL Corporation AT49BV160 Datasheet HTML 24Page - ATMEL Corporation AT49BV160 Datasheet HTML 25Page - ATMEL Corporation AT49BV160 Datasheet HTML 26Page - ATMEL Corporation AT49BV160 Datasheet HTML 27Page - ATMEL Corporation AT49BV160 Datasheet HTML 28Page - ATMEL Corporation AT49BV160 Datasheet HTML 29Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
25
AT49BV/LV160(T)/161(T)
1427L–FLASH–02/03
AT49BV160(T)/161(T) Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
25
0.01
AT49BV160-70CI
AT49BV160-70TI
45C1
48T
Industrial
(-40
° to 85°C)
90
25
0.01
AT49BV160-90CI
AT49BV160-90TI
45C1
48T
Industrial
(-40
° to 85°C)
70
25
0.01
AT49BV160T-70CI
AT49BV160T-70TI
45C1
48T
Industrial
(-40
° to 85°C)
90
25
0.01
AT49BV160T-90CI
AT49BV160T-90TI
45C1
48T
Industrial
(-40
° to 85°C)
70
25
0.01
AT49BV161-70CI
AT49BV161-70TI
48C5
48T
Industrial
(-40
° to 85°C)
90
25
0.01
AT49BV161-90CI
AT49BV161-90TI
48C5
48T
Industrial
(-40
° to 85°C)
70
25
0.01
AT49BV161T-70CI
AT49BV161T-70TI
48C5
48T
Industrial
(-40
° to 85°C)
90
25
0.01
AT49BV161T-90CI
AT49BV161T-90TI
48C5
48T
Industrial
(-40
° to 85°C)
AT49LV160(T)/161(T) Ordering Information
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
90
25
0.01
AT49LV160-90TI
48T
Industrial
(-40
° to 85°C)
70
25
0.01
AT49LV161-70CI
AT49LV161-70TI
48C5
48T
Industrial
(-40
° to 85°C)
70
25
0.01
AT49LV161T-70CI
AT49LV161T-70TI
48C5
48T
Industrial
(-40
° to 85°C)
Package Type
45C1
45-ball, Plastic Chip-size Ball Grid Array Package (CBGA)
48C5
48-ball, Plastic Chip-size Ball Grid Array Package (CBGA)
48T
48-lead, Plastic Thin Small Outline Package (TSOP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com