Electronic Components Datasheet Search
  English  ▼

X  

CHM Datasheet(PDF) 26 Page - ITT Industries

Part # CHM
Description  2.0 CONNECTOR SYSTEM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM Datasheet(HTML) 26 Page - ITT Industries

Back Button CHM Datasheet HTML 22Page - ITT Industries CHM Datasheet HTML 23Page - ITT Industries CHM Datasheet HTML 24Page - ITT Industries CHM Datasheet HTML 25Page - ITT Industries CHM Datasheet HTML 26Page - ITT Industries CHM Datasheet HTML 27Page - ITT Industries CHM Datasheet HTML 28Page - ITT Industries CHM Datasheet HTML 29Page - ITT Industries CHM Datasheet HTML 30Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
26
Dimensions are mm
Subject to changes
PCB thickness
3,2 – 4 mm
4,0 – 4,8 mm
> 4,8 mm
Shroud
14,95 mm
14,15 mm
13,35
Connector Type
Part Numbers
AB-25
CHM-S-AB25-1
CHM-S-AB25-2
CHM-S-AB25-3
AB-22
CHM-S-AB22-1
CHM-S-AB22-2
CHM-S-AB22-3
AB-19
CHM-S-AB19-1
CHM-S-AB19-2
CHM-S-AB19-3
On request: other heights and special shrouds
Shrouds for Male Connectors Type AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com