Electronic Components Datasheet Search
  English  ▼

X  

CHM Datasheet(PDF) 6 Page - ITT Industries

Part # CHM
Description  2.0 CONNECTOR SYSTEM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM Datasheet(HTML) 6 Page - ITT Industries

Back Button CHM Datasheet HTML 2Page - ITT Industries CHM Datasheet HTML 3Page - ITT Industries CHM Datasheet HTML 4Page - ITT Industries CHM Datasheet HTML 5Page - ITT Industries CHM Datasheet HTML 6Page - ITT Industries CHM Datasheet HTML 7Page - ITT Industries CHM Datasheet HTML 8Page - ITT Industries CHM Datasheet HTML 9Page - ITT Industries CHM Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
6
Dimensions are mm
Subject to changes
s
t
c
a
t
n
o
c
f
o
n
o
i
s
n
e
m
i
Dt
c
a
t
n
o
Cs
n
o
i
t
p
Og
n
i
t
a
m
t
n
o
r
Fr
o
f
d
e
s
U
A
a
e
r
a
g
n
i
t
a
m
t
u
o
h
t
i
w
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
B1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
C1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
G
p
a
r
W
e
r
i
W
m
m
3
1
t
s
e
u
q
e
r
n
o
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
H1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
J1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
K
a
e
r
a
g
n
i
t
a
m
h
t
i
w
m
m
3
1
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
L1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
M1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
N
a
e
r
a
g
n
i
t
a
m
h
t
i
w
m
m
5
,
4
1
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
P1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
Q1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s
R
a
e
r
a
g
n
i
t
a
m
h
t
i
w
m
m
6
1
1
,
0
±
5
2
,
8t
c
a
t
n
o
c
l
a
n
g
i
s
S1
,
0
±
5
7
,
9t
c
a
t
n
o
c
l
a
n
g
i
s
T1
,
0
±
5
2
,
1
1g
n
i
d
l
e
i
h
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com